Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP90100MHE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 9Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 10Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 11Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 12Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 13Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 14Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 15Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 16Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 69 page
background image
CSB
SCLK
0.7VIO
tCSHmin
CSB
SCLK
0.3VIO
0.7VIO
tCSSUmin
CSB
SCLK
MSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n
LSB
INST2
SDI
MSB
SDO/
DRDYB
Data Byte (s)
DRDYB is driving the pin
SDO is driving the pin
LSB
1/fSCLK
tCL
tCH
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Timing Diagrams
Unless otherwise noted, specified limits apply for VA = VIO = 3.0V. Boldface limits apply for TMIN ≤ TA ≤ TMAX; the
typical values apply for TA = +25°C.
Figure 3. Timing Diagram
Symbol
Parameter
Conditions
Min
Typical
Max
Units
fSCLK
10
MHz
tCH
SCLK High time
0.4 / fSCLK
ns
tCL
SCLK Low time
0.4 / fSCLK
ns
Symbol
Parameter
Conditions
Min
Typical
Max
Units
CSB Setup time prior to an SCLK
tCSSU
5
ns
rising edge
CSB Hold time after the last rising
tCSH
6
ns
edge of SCLK
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com