Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y202B Datasheet(PDF) 5 Page - TDK Electronics

Part # MMZ2012Y202B
Description  Chip Beads For signal line
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y202B Datasheet(HTML) 5 Page - TDK Electronics

  MMZ2012Y202B Datasheet HTML 1Page - TDK Electronics MMZ2012Y202B Datasheet HTML 2Page - TDK Electronics MMZ2012Y202B Datasheet HTML 3Page - TDK Electronics MMZ2012Y202B Datasheet HTML 4Page - TDK Electronics MMZ2012Y202B Datasheet HTML 5Page - TDK Electronics MMZ2012Y202B Datasheet HTML 6Page - TDK Electronics MMZ2012Y202B Datasheet HTML 7Page - TDK Electronics MMZ2012Y202B Datasheet HTML 8Page - TDK Electronics MMZ2012Y202B Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
• All specifications are subject to change without notice.
(4/28)
002-01 / 20130301 / e9412_mmz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARACTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16197 or equivalent
Test temperature: 25±10°C
TYPICAL ELECTRICAL CHARACTERISTICS
Z FREQUENCY CHARACTERISTICS(DIFFERS ACCORDING TO SERIES)
MMZ0603S SERIES
MMZ0603Y SERIES
MMZ0603D SERIES
MMZ0603F SERIES
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
15000 pieces/reel
0.6
±0.03
0.1min.
Weight: 0.3mg
Dimensions in mm
0.30
0.25
0.25
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(mA)max.
MMZ0603S100C
10±5
0.09
500
MMZ0603S800C
80±25%
0.30
200
MMZ0603S121C
120±25%
0.45
200
MMZ0603S241C
240±25%
0.57
200
MMZ0603S471C
470±25%
1.30
100
MMZ0603S601C
600±25%
1.45
100
MMZ0603S102H
1000±25%
1.25
200
MMZ0603Y750C
75±25%
0.35
300
MMZ0603Y121C
120±25%
0.39
200
MMZ0603Y241C
240±25%
0.80
200
MMZ0603Y471C
470±25%
1.40
200
MMZ0603Y601C
600±25%
1.50
200
MMZ0603D330C
33±25%
0.70
200
MMZ0603D470C
47±25%
0.70
200
MMZ0603D560C
56±25%
0.95
100
MMZ0603D800C
80±25%
1.25
100
MMZ0603D121C
120±25%
1.40
100
MMZ0603F100C
10±5
0.50
200
MMZ0603F220C
22±25%
1.00
200
MMZ0603F330C
33±25%
1.30
150
0
200
400
600
800
1000
10000
1000
100
10
1
Frequency(MHz)
MMZ0603Y601C
MMZ0603Y471C
MMZ0603Y241C
MMZ0603Y121C
MMZ0603Y750C
10000
1000
100
10
1
Frequency(MHz)
0
200
400
800
600
1000
1200
1400
MMZ0603S601C
MMZ0603S102H
MMZ0603S471C
MMZ0603S241C
MMZ0603S121C
MMZ0603S800C
MMZ0603S100C
10000
1000
100
10
1
Frequency(MHz)
0
200
400
600
800
1000
MMZ0603D800C
MMZ0603D121C
MMZ0603D560C
MMZ0603D330C
MMZ0603D470C
10000
1000
100
10
1
Frequency(MHz)
0
200
400
600
800
1000
1200
MMZ0603F330C
MMZ0603F220C
MMZ0603F100C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com