Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y202B Datasheet(PDF) 10 Page - TDK Electronics

Part # MMZ2012Y202B
Description  Chip Beads For signal line
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y202B Datasheet(HTML) 10 Page - TDK Electronics

Back Button MMZ2012Y202B Datasheet HTML 6Page - TDK Electronics MMZ2012Y202B Datasheet HTML 7Page - TDK Electronics MMZ2012Y202B Datasheet HTML 8Page - TDK Electronics MMZ2012Y202B Datasheet HTML 9Page - TDK Electronics MMZ2012Y202B Datasheet HTML 10Page - TDK Electronics MMZ2012Y202B Datasheet HTML 11Page - TDK Electronics MMZ2012Y202B Datasheet HTML 12Page - TDK Electronics MMZ2012Y202B Datasheet HTML 13Page - TDK Electronics MMZ2012Y202B Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
• All specifications are subject to change without notice.
(9/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1005B800C
MMZ1005B121C
MMZ1005B601C
MMZ1005S800C
MMZ1005S121C
MMZ1005S241C
MMZ1005S601C
MMZ1005S102C
MMZ1005Y400C
MMZ1005Y800C
MMZ1005Y121C
800
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
120
40
20
60
80
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
0
20
40
60
80
100
120
140
160
180
Z
R
X
400
350
300
250
200
150
100
50
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
1
10
100
1000
10000
Frequency(MHz)
20
40
60
80
100
120
140
160
Z
R
X
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
50
100
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
100
200
300
400
500
600
700
800
900
0
1
10
100
1000
10000
Frequency(MHz)
Z
X
R
200
400
600
800
1000
1200
1400
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
50
100
150
200
250
0
1
10
100
1000
10000
Frequency(MHz)
20
40
60
80
100
120
140
160
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
0
10
20
30
40
50
60
70
80
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com