Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y202B Datasheet(PDF) 9 Page - TDK Electronics

Part # MMZ2012Y202B
Description  Chip Beads For signal line
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y202B Datasheet(HTML) 9 Page - TDK Electronics

Back Button MMZ2012Y202B Datasheet HTML 5Page - TDK Electronics MMZ2012Y202B Datasheet HTML 6Page - TDK Electronics MMZ2012Y202B Datasheet HTML 7Page - TDK Electronics MMZ2012Y202B Datasheet HTML 8Page - TDK Electronics MMZ2012Y202B Datasheet HTML 9Page - TDK Electronics MMZ2012Y202B Datasheet HTML 10Page - TDK Electronics MMZ2012Y202B Datasheet HTML 11Page - TDK Electronics MMZ2012Y202B Datasheet HTML 12Page - TDK Electronics MMZ2012Y202B Datasheet HTML 13Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
• All specifications are subject to change without notice.
(8/28)
002-01 / 20130301 / e9412_mmz
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
SPECIFICATIONS
PACKAGING STYLE AND QUANTITIES
RECOMMENDED SOLDERING CONDITION
REFLOW SOLDERING
ELECTRICAL CHARCTERISTICS
Test equipment: E4991A or equivalent
Test tool
: 16192A or equivalent
Test temperature: 25±10°C
TYPICAL ELECTRICAL CHARACTERISTICS
Z FREQUENCY CHARACTERISTICS(DIFFERS ACCORDING TO SERIES)
MMZ1005B SERIES
MMZ1005S SERIES
MMZ1005Y SERIES
MMZ1005D SERIES
MMZ1005F SERIES
Operating temperature range
–55 to +125°C
Storage temperature range
–55 to +125°C(After mount)
Packaging style
Quantity
Taping
10000 pieces/reel
0.1min.
1
±0.05
0.4
0.5
0.5
Weight: 1mg
Dimensions in mm
Natural
cooling
10s max.
Preheating
60 to 120s
Soldering
30 to 60s
230˚C
250 to 260˚C
180˚C
150˚C
Time(s)
Part No.
Impedance
(
)[100MHz]
DC resistance
(
)max.
Rated current
(mA)max.
MMZ1005B800C
80±25%
0.19
450
MMZ1005B121C
120±25%
0.25
400
MMZ1005B601C
600±25%
0.85
200
MMZ1005S800C
80±25%
0.12
500
MMZ1005S121C
120±25%
0.22
500
MMZ1005S241C
240±25%
0.28
400
MMZ1005S601C
600±25%
0.52
300
MMZ1005S102C
1000±25%
0.75
200
MMZ1005Y400C
40±25%
0.10
550
MMZ1005Y800C
80±25%
0.17
450
MMZ1005Y121C
120±25%
0.18
400
MMZ1005Y241C
240±25%
0.26
300
MMZ1005Y301C
300±25%
0.38
250
MMZ1005Y471C
470±25%
0.47
250
MMZ1005Y601C
600±25%
0.54
250
MMZ1005Y102C
1000±25%
0.70
200
MMZ1005Y152C
1500±25%
1.00
100
MMZ1005D100C
10±5
0.10
500
MMZ1005D220C
22±25%
0.17
400
MMZ1005D330C
33±25%
0.24
400
MMZ1005D680C
68±25%
0.38
400
MMZ1005D121C
120±25%
0.60
350
MMZ1005D241C
240±25%
0.90
200
MMZ1005F330C
33±25%
0.50
200
MMZ1005F470C
47±25%
0.60
100
MMZ1005F560C
56±25%
0.70
100
10000
1000
100
10
1
Frequency(MHz)
0
200
400
600
800
1000
1200
1400
1600
1800
MMZ1005Y152C
MMZ1005Y102C
MMZ1005Y601C
MMZ1005Y471C
MMZ1005Y301C
MMZ1005Y241C
MMZ1005Y121C
MMZ1005Y800C
MMZ1005Y400C
10000
1000
100
10
1
Frequency(MHz)
0
100
200
300
400
500
600
700
800
MMZ1005B601C
MMZ1005B121C
MMZ1005B800C
10000
1000
100
10
1
Frequency(MHz)
0
200
400
600
800
1000
1200
1400
MMZ1005S102C
MMZ1005S601C
MMZ1005S241C
MMZ1005S121C
MMZ1005S800C
10000
1000
100
10
1
Frequency(MHz)
0
500
1000
1500
2000
2500
3000
MMZ1005D241C
MMZ1005D121C
MMZ1005D680C
MMZ1005D330C
MMZ1005D220C
MMZ1005D100C
10000
1000
100
10
1
Frequency(MHz)
0
200
400
600
800
1000
1200
MMZ1005F560C
MMZ1005F470C
MMZ1005F330C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com