Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMZ2012Y202B Datasheet(PDF) 15 Page - TDK Electronics

Part # MMZ2012Y202B
Description  Chip Beads For signal line
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MMZ2012Y202B Datasheet(HTML) 15 Page - TDK Electronics

Back Button MMZ2012Y202B Datasheet HTML 11Page - TDK Electronics MMZ2012Y202B Datasheet HTML 12Page - TDK Electronics MMZ2012Y202B Datasheet HTML 13Page - TDK Electronics MMZ2012Y202B Datasheet HTML 14Page - TDK Electronics MMZ2012Y202B Datasheet HTML 15Page - TDK Electronics MMZ2012Y202B Datasheet HTML 16Page - TDK Electronics MMZ2012Y202B Datasheet HTML 17Page - TDK Electronics MMZ2012Y202B Datasheet HTML 18Page - TDK Electronics MMZ2012Y202B Datasheet HTML 19Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
• All specifications are subject to change without notice.
(14/28)
002-01 / 20130301 / e9412_mmz
TYPICAL ELECTRICAL CHARACTERISTICS
Z, X, R vs. FREQUENCY CHARACTERISTICS
MMZ1608B121C
MMZ1608B221C
MMZ1608B301C
MMZ1608B471C
MMZ1608B601C
MMZ1608B102C
MMZ1608R150A
MMZ1608R300A
MMZ1608R600A
MMZ1608R121A
MMZ1608R301A
MMZ1608R471A
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
20
40
60
80
100
120
140
160
0
1
10
100
1000
10000
Frequency(MHz)
50
100
150
200
250
300
350
Z
R
X
0
50
100
150
200
250
300
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
700
600
500
400
300
200
100
0
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
100
200
300
400
500
600
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
200
400
600
800
1000
1200
10
100
1000
10000
Frequency(MHz)
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
Z
R
X
0
5
10
15
20
1
10
100
1000
10000
Frequency(MHz)
0
5
10
15
20
25
30
35
40
Z
R
X
1
10
100
1000
10000
Frequency(MHz)
0
Z
R
X
10
20
30
40
50
60
70
80
90
0
1
10
100
1000
10000
Frequency(MHz)
20
40
60
80
100
120
140
Z
R
X
0
1
10
100
1000
10000
Frequency(MHz)
50
100
150
200
250
300
350
Z
R
X
0
100
200
300
400
500
600
10
100
1000
10000
Frequency(MHz)
Z
R
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com