Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2316 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2316
Description  2.5MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2316 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2316 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
2
Pin Configuration & Marking Information
Top View
TDFN22-8
CH: Product Code
of PAM2316
V:
Output Voltage
Y:
Year
W: Week
,
Power Analog Microelectronics Inc
www.poweranalog.com
Pin NO.
Name
Function
1
PGND
Main power ground return pin. Connect to the output and input capacitor return.
2
PVIN
Input power supply tied to the source of the high side P-channel MOSFET.
3
V IN
Power supply; supplies power for the internal circuitry.
4
FB
Feedback input pin. Feedback v oltage to internal error amplifier, the threshold
voltage is 0.6V.
5
AGND
Analog ground. This pin is internally connected to the analog ground of the
control circuitry.
6
EN
Enable pin. A logic low disables the converter and it consumes less than 1
μA of
current. W hen connected high, it resumes normal operation.
7,8
SW
Switching node. Connect the inductor to this pin. It is internally connected to the
drain of both high and low side MOSFETs.
Pin Description
12/2011 Rev1.1
EN
R1
R2
FB
+
-
IAMP
+
-
IRCMP
SW
PGND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
PVIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
2.5M
OSC
ANTI
SHOOT
THRU
-
-
VIN
GND
PAM2316
2.5MHz,Fast Transient 2A Step-Down Converter
1
2
3
4
8
7
6
5
PGND
PVIN
VIN
FB
AGND
EN
SW
SW
Exposed Pad (GND)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com