Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2316 Datasheet(PDF) 11 Page - Power Analog Micoelectronics

Part # PAM2316
Description  2.5MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2316 Datasheet(HTML) 11 Page - Power Analog Micoelectronics

Back Button PAM2316 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 11Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
,
Power Analog Microelectronics Inc
www.poweranalog.com
12/2011 Rev1.1
Outline Dimensions
PAM2316
2.5MHz,Fast Transient 2A Step-Down Converter
TDFN 2x2
PLANE
SEATING
0 08
.
C
8
B
C
( /
/ )
D 2 xE 2
4
INDEX AREA
TOP VIEW
9
SIDE VIEW
BOTTOM VIEW
Pin 1 ID
#
D
e
Nxb
D2
8
0 50
.
2X2
Body
Size
Lead
Pitch
e
( )
Count
Lead
Summary Table
R0 20
.
Pin
1 ID
#
SYMBOL
MIN
NOM
MAX
A1
0 00
.
0 02
.
0 05
.
A
0 70
.
0 75
.
0 80
.
COMMON DIMENSION
Unit: Millimeters
D BSC
2.00
E BSC
2.00
MIN
0.18
NOM
0.25
b
MAX
0.30
MIN
1.55
NOM
1.60
D2
MAX
1.65
MIN
0.85
NOM
0.90
E2
MAX
0.95
MIN
0.20
NOM
0.30
L
MAX
0.40
N
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com