Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2316 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2316
Description  2.5MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2316 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2316 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Features
Applications
General Description
n
n
n
n
n
n
n
n
n
2A Maximum Output Current
Tiny 1.0uH Chip Inductor
Excellent Transient Response
Input Voltage: 2.7V to 5.5V
Ultra-small, Low Profile 8-pin 2mm x 2mm
TDFN Package
Fixed or Adjustable Output Voltage
- Adjustable Output Voltage: 1.0V to 3.3V
High Efficiency with 2.5MHz Switching
Frequency
1uA Shutdown Current
-40°C to 85°C Temperature Range
Pb-Free/Halogen Free Package
RoHS/REACH Compliant
Cellular Phone
Digital Cameras
Hard Disk Drives
MP3 Players
PDAs and Handheld Computers
Portable Media Players
USB Devices
Wireless Network Cards
The PAM2316 is a 2A step-down sync converter.
The 2.5MHz switching frequency enables the use
of small external components. The ultra-small
2mm x 2mm footprint and high efficiency make the
PA M 2 3 1 6
a n
i d e a l
c h o i c e
f o r
p o r t a b l e
applications.
The
PAM2316
delivers
A
maximum
output
current while
consuming
only
55uA
no load
quiesce nt
cu rre nt.
Lo w
R
inte grate d
MOSFETs and 100
duty cycle operation make
the PAM2316 the ideal choice for high output
voltage, high current applications which require a
low dropout threshold
T h e PAM 2 3 1 6 p r o v id e s e x c e l le n t t r a n s ie n t
r e s p o n s e a n d o u t p u t a c c u r a c y a c r o s s t h e
operating range.
T h e
PA M 2 3 1 6
m a i n t a i n s h i g h
e f f i c i e n c y
t h r o u g h o u t t h e l o a d r a n g e . T h e PA M 2 3 1 6
automatically optimizes efficiency during light
l o a d m o d e ( P S M ) a n d m a i n t a i n s c o n s t a n t
frequency and low output ripple during PWM
mode.
Over-temperature and short circuit protection
safeguard the PAM2316 and system components
from damage.
The PAM2316 is available in a Pb-free, ultra-
small, low profile, 8-pin 2mm x 2mm TDFN
package. The product is rated over a temperature
range of -40°C to 85°C.
n
n
n
n
n
n
n
n
n
n
n
n
n
n
55uA No Load Quiescent Current
100% Duty Cycle Low-Dropout Operation
Internal Soft Start
Over-Temperature and Current Limit
Protection
<
-
%
.
2
DS( ON)
Typical Application
1
www.poweranalog.com
PAM2316
2.5MHz,Fast Transient 2A Step-Down Converter
12/2011 Rev1.1
,
Power Analog Microelectronics Inc
C2
1.0µF
PVIN
EN
VIN
AGND
PGND
FB
SW
SW
Vin=3.3V
L1
1.0uH
C1
10µF
C3
10µF
Vout=1.2V
C4
100pF
R1
150k
Vout=0.6* (1+R1/R2)
R2
150k


Similar Part No. - PAM2316

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2316 DIODES-PAM2316 Datasheet
347Kb / 11P
2.5MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
Rev 1
PAM2316AGCADJ DIODES-PAM2316AGCADJ Datasheet
347Kb / 11P
2.5MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
Rev 1
More results

Similar Description - PAM2316

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1110 ANALOGICTECH-AAT1110_06 Datasheet
698Kb / 19P
Fast Transient 800mA Step-Down Converter
AAT1141 ANALOGICTECH-AAT1141 Datasheet
954Kb / 19P
Fast Transient 600mA Step-Down Converter
AAT1140 ANALOGICTECH-AAT1140 Datasheet
1Mb / 19P
Fast Transient 600mA Step-Down Converter
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
logo
Semtech Corporation
SC183C SEMTECH-SC183C Datasheet
1Mb / 20P
2.5MHz, 2A Synchronous Step-Down Regulator
logo
Power Analog Micoelectr...
PAM2321 PAM-PAM2321 Datasheet
525Kb / 11P
3MHz,Fast Transient 2A Step-Down Converter
logo
Monolithic Power System...
MP1492 MPS-MP1492 Datasheet
457Kb / 18P
2A, 4.2V-16V Input, Fast Transient Synchronous Step-down Converter
logo
Diodes Incorporated
PAM2316 DIODES-PAM2316 Datasheet
347Kb / 11P
2.5MHz, FAST TRANSIENT 2A STEP-DOWN CONVERTER
Rev 1
PAM2321 DIODES-PAM2321 Datasheet
360Kb / 11P
FAST TRANSIENT 2A STEP-DOWN CONVERTER
Rev 2
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com