Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2316 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2316
Description  2.5MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2316 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2316 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2316 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage..................................-0.3V to 6.5V
EN, FB Pin Voltage.............................-
SW Pi n Voltage.....................-
0.3V to V
0.3V to
V +0.3V
Junction Temperature................................150°C
Storage Temperature Range........-65°C to 150°C
Soldering Temperature......................300°C 5sec
(
)
IN
IN
,
Recommended Operating Conditions
Supply Voltage................................2.7V to 5.5V
°C
°C
°C
°C
Operation Temperature Range.........-40
to 85
Junction Temperature Range........-40
to 125
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
Thermal Resistance
(Junction to Case)
TDFN22-8
θJC
23.4
Thermal Resistance
(Junc tion to Ambient)
TDFN22-8
θ
J A
70
°C/W
Internal Power Diss ipation
TDFN22-8
PD
1.4
W
,
Power Analog Microelectronics Inc
www.poweranalog.com
12/2011 Rev1.1
PAM2316
2.5MHz,Fast Transient 2A Step-Down Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com