Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2321
Description  3MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2321 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2321 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Block Diagram
2
Pin Configuration & Marking Information
A/B: Pin Configuration
Y:
Year
W:
Week
X:
Internal Code
,
Power Analog Microelectronics Inc
www.poweranalog.com
EN
R1
R2
FB
+
-
IAMP
+
-
IRCMP
SW
PGND
SYNCHRONOUS
RECTIFIER NCH
(
)
MAIN
SWITCH PCH
(
)
PVIN
COMP
VIN
SHUTDOWN
OSC
RS LATCH
0.6VREF
FREQ
SHIFT
-
+
EA
S Q
R Q
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
SLOPE
COMP
3.0M
OSC
ANTI
SHOOT
THRU
-
-
VIN
GND
PAM2321
3MHz,Fast Transient 2A Step-Down Converter
EN
VIN
PVIN
AGND
FB
1
2
3
4
5
PGND
PGND
SW
SW
AGND
10
9
8
7
6
(Exposed Pad)
Top View
TDFN3X3-10L
01/2013 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com