Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2321
Description  3MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2321 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2321 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical Characteristic
T =25
, V =3.3V, Vout=1.2V,C =10µF, C =10µF, L=0.47µH, unless otherwise noted.
A
IN
IN
O
°C
4
,
Power Analog Microelectronics Inc
www.poweranalog.com
PARAMETER
SYMBOL
Test Conditions
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN
2.7
3.3
5.5
V
VIN Rising
2.6
2.7
V
Hysteresis
250
mV
UVLO Threshold
VUVLO
VIN Falling
2
V
Output Voltage Range
Vout
1
1.2
Vin
V
Output Voltage Accuary
Vout
Io=100mA
-3.0
+3.0
%
Regulated Feedback Voltage
VFB
No Load
0.588
0.60
0.612
V
PMOS Current Limit
ILIM
3.0
A
Output Voltage Line Regulation
LNR
VIN = 3.3V to 4V
0.3
%/V
Output Voltage Load Regulation
LDR
IO=1mA to 2A
1
%/A
Quiescent Current
IQ
No load
55
90
µA
Shutdown Current
ISD
VEN = 0V
1
µA
Oscillator Frequency
fOSC
3
MHz
P MOSFET
130
m
Ω
Drain-Source On-State Resistance
RDS(ON)
IDS=100mA
N MOSFET
90
m
Ω
SW Leakage Current
ILSW
1
µA
Start-up Time
Ts
200
us
PSM Threshold
ITH
Vin=3.3V,Vo=1.2V
200
mA
EN Threshold High
V
EH
1.4
V
EN Threshold Low
V
EL
0.4
V
EN Leakage Current
IEN
±0.01
µA
Over Temperature Protection
OTP
150
°C
OTP Hysteresis
OTH
30
°C
PAM2321
3MHz,Fast Transient 2A Step-Down Converter
01/2013 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com