Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2321
Description  3MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2321 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2321 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current (mA)
Vin=4.2V
Vin=5V
Vin=5.5V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
Output Current (mA)
Vin=3.3V
Vin=4.2V
Vin=5V
5
,
Power Analog Microelectronics Inc
www.poweranalog.com
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Input Voltage
Efficiency vs Output Current
Load Regulation
Efficiency vs Output Current
Typical Performance Characteristics
°C
T =25
, C =10 F, C =10 F,L=0.47µH, unless otherwise noted.
A
IN
O
µ
µ
PAM2321
3MHz,Fast Transient 2A Step-Down Converter
Vo=1.2V
L=0.47uH
Vo=1.5V
L=0.47uH
Vo=1.8V
L=0.47uH
Vo=2.5V
L=1uH
Vo=3.3V
L=1uH
-2.00
-1.50
-1.00
-0.50
0.00
0.50
1.00
1.50
2.00
0
500
1000
1500
2000
Output Current(mA)
Vin=3.3V
Vin=4.2V
Vin=5.0V
Vo=1.2V
L=0.47uH
01/2013 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com