Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2321 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2321
Description  3MHz,Fast Transient 2A Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2321 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2321 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2321 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage..................................-0.3V to 6.5V
EN, FB Pin Voltage.............................-
SW Pi n Voltage.....................-
0.3V to V
0.3V to
V +0.3V
Junction Temperature................................150°C
Storage Temperature Range........-65°C to 150°C
Soldering Temperature......................300°C 5sec
(
)
IN
IN
,
Recommended Operating Conditions
Supply Voltage................................2.5V to 5.5V
°C
°C
°C
°C
Operation Temperature Range.........-40
to 85
Junction Temperature Range........-40
to 125
Thermal Information
Parameter
Symbol
Package
Maximum
Unit
Thermal Resistance
(Junction to Case)
θ
JC
TDFN3X3-10
8.5
°C/W
Thermal Resistance
(Junction to Ambient)
θ
JA
TDFN3X3-10
60
Internal Power Dissipation
PD
TDFN3X3-10
1.66
W
,
Power Analog Microelectronics Inc
www.poweranalog.com
PAM2321
3MHz,Fast Transient 2A Step-Down Converter
Name
Function
PGND
Main power ground return pin. Connect to the output and input capacitor return.
PVIN
Input power supply tied to the source of the high side P-channel MOSFET.
VIN
Power supply; supplies power for the internal circuitry.
FB
Feedback input pin. This pin is connected directly to the converter output for the 1.2V fixed
output version, or connected to an external resistor divider for the adjustable output version.
AGND
Analog ground. This pin is internally connected to the analog ground of the control circuitr y.
EN
Enable pin. A logic low disables the converter and it consumes less than 1µA of current. When
connected high, it resumes normal operation.
SW
Switching node. Connect the inductor to this pin. It is internally connected to the drain of both
high and low side MOSFETs.
EP
Exposed pad of the package provides both electrical contact to the ground and good thermal
contact to the PCB. This pad must be soldered to the PCB for proper operation.
Pin Description
01/2013 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com