Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM2805
Description  3-Modes/3W WLED Driver with 1 or 2 Cell Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2805 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM2805 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Configuration& Marking Information
2
Pin Number
Name
Function
1
VIN
Input Voltage
2
GND
Power Ground
3
BLK
Connect A 1uF CAP for Blinking
4
FB
Feedback
5
VOUT
Output Voltage
6
SW
Connected to an internal NMOS switc h
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Supply Voltage...............................................6V
Output Voltage...............................................6V
Storage Temperature Range......... –65 C to 150 C
Lead Temperature (Soldering, 5 sec) ...........300 C
Recommended Operating Conditions
Junction Temperature
40
to 125
...............-
C
C
Operating Temperature Range .......-40 C to 85 C
Thermal Information
Param eter
Package
Sym bol
Maximum
Unit
Thermal Resistance
(Junction to Case)
SOT23-6
θJC
130
Thermal Resistance
(J unction to Ambient)
SOT23-6
θJA
250
℃/W
Internal Power Dissipation
@TA=25℃
SOT23-6
PD
400
mW
X: Internal Code
Y: Year
W: Weekly
,
Power Analog Microelectronics Inc
www.poweranalog.com
11/2011 Rev1.0
Top View
SOT23-6
1
2
3
4
5
6
VIN
GND
FB
VOUT
SW
BLK
PAM2805
3-Modes/3W WLED Driver with 1 or 2 Cell Battery



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com