Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2805
Description  3-Modes/3W WLED Driver with 1 or 2 Cell Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2805 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2805 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
3 Modes Cycling Function:
Bright
Dimming
Blinking
Reset to Bright mode if Power Off time
more than 5S
Adjustable Output Current: up to 750mA
8.5Hz Blinking Mode
Low SW on Resistance: 1 00mΩ
Over Temperature Protection
Over Voltage Protection
SOT23-6 Package
Pb-Free Package
Low Start-Up Voltage: 0.9V(Typ.)
White LED Torch (Flashlight)
The PAM2805 is a step-up DC-DC WLED driver
w i t h
3
m o d e s
c y c l i n g
f u n c t i o n ( 1 0 0 %
brightness,25% brightness and 8.5Hz blinking).
T h e u n i q u e 3 m o d e s c y cl i n g f u n ct i o n ca n
eliminate the needs of extra functional MCU or IC.
The PAM2805 can deliver up to 750mA output
current by setting an external resistor.
The PAM2805 switches at a 1.0MHz constant
frequency, allowing for the use of small value
external inductor and ceramic capacitors.
A low 95mV feedback voltage reduces the power
loss in the Rs for better efficiency. With its internal
2A, 100
device can provide
high efficiency even at heavy load.
The PAM2805 is available in SOT23-6 package.
Applications
General Description
m
Ω NMOS switch, the
n
n
n
n
n
n
n
n
n
n
n
Typical Application
Block Diagram
1
www.poweranalog.com
11/2011 Rev1.0
PAM2805
3-Modes/3W WLED Driver with 1 or 2 Cell Battery
,
Power Analog Microelectronics Inc
95mV
Reference
+
A1
-
Rc
Cc
-
A2
+
Comparator
VOUT
VIN
SW
PWM
Logic
+
-
PGND
1.0MHz
Oscillator
Dimming
and
Blinking
Logic
FB
Σ
Ramp
Generator
BLK
Power Off
<5S
Power Off
<5S
Power Off
<5S
ILED=95mV/Rs
2.2 H
μ
VIN
VOUT
VIN
SW
PAM2805
VOUT
FB
BLK
GND
L
20uF
10uF
1uF
Rs


Similar Part No. - PAM2805

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2805 DIODES-PAM2805 Datasheet
209Kb / 9P
3-MODES/ 3W WLED DRIVER WITH 1 OR 2 CELL BATTERY
Rev 1
More results

Similar Description - PAM2805

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9731 VISHAY-SI9731 Datasheet
135Kb / 10P
UP Controlled Battery Charger For 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
22-May-06
logo
Maxim Integrated Produc...
DS2781 MAXIM-DS2781 Datasheet
330Kb / 30P
1-Cell or 2-Cell Standalone Fuel Gauge IC
REV: 010906
logo
Seiko Instruments Inc
S-8253A SII-S-8253A Datasheet
596Kb / 32P
BATTERY PROTECTION IC FOR 2-SERIAL OR 3-SERIAL-CELL PACK
logo
Vishay Siliconix
SI9731 VISHAY-SI9731_09 Datasheet
148Kb / 11P
uP Controlled Battery Charger for 1-Cell Li-ion or 1-Cell to 3-Cell NiCd/NiMH Batteries
26-Oct-09
logo
Monolithic Power System...
MP26101 MPS-MP26101 Datasheet
474Kb / 16P
2A, 24V Input, 1.1MHz, 1- or 2- Cell 4.1V/Cell Switching Li-Ion Battery Charger
logo
Seiko Instruments Inc
S8253C SII-S8253C Datasheet
470Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
logo
Diodes Incorporated
PAM2805 DIODES-PAM2805 Datasheet
209Kb / 9P
3-MODES/ 3W WLED DRIVER WITH 1 OR 2 CELL BATTERY
Rev 1
logo
ABLIC Inc.
S-8253C ABLIC-S-8253C Datasheet
405Kb / 33P
BATTERY PROTECTION IC FOR 2-SERIES OR 3-SERIES-CELL PACK
Rev.2.5_00
logo
Maxim Integrated Produc...
MAX17043 MAXIM-MAX17043_V01 Datasheet
859Kb / 14P
1-Cell/2-Cell Fuel Gauge with ModelGauge and Low-Battery Alert
2017
logo
Monolithic Power System...
MP2615C MPS-MP2615C Datasheet
1Mb / 22P
2.1A, 1-Cell or 2-Cell Li-Ion Battery Charger in (3mmx3mm) Package
Rev. 1.1 6/15/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com