Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM2805
Description  3-Modes/3W WLED Driver with 1 or 2 Cell Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2805 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

  PAM2805 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Inductor Selection
Capacitor Selection
Diode Selection
LED Current Setting
3 Modes Cycling
Low Voltage Startup and Soft Start
The PAM2805 can use small value inductors due
to its switching frequency of 1 MHz. The value of
inductor will focus in the range of 2.2uH to 4.7uH
for most PAM2805 applications. In typical high
c u r r e n t
w h i t e
L E D
a p p l i c a t i o n s ,
i t
i s
recommended to use a 4.7uH inductor. The
inductor should have low DCR (DC resistance) to
minimize the I R power loss, and it requires a
current rating of 2A to handle the peak inductor
current without saturating.
An input capacitor is required to reduce the input
ripple and noise for proper operation of the
PAM2805. For good input decoupling, Low ESR
(equivalent series resistance) capacitors should
be used at the input. At least 2.2uF input
capacitor is recommended for most applications.
A minimum output capacitor value of 6.8uF is
r e c o m m e n d e d
u n d e r
n o r m a l
o p e r a t i n g
conditions, while a 10uF-22uF capacitor may be
req uired f or high er p owe r L ED curren t. A
r e a s o n a b l e v a l u e o f t h e o u t p u t c a p a c i t o r
depends on the LED current. The ESR of the
output capacitor is the important parameter to
determine the output voltage ripple of the
converter, so low ESR capacitors should be used
at the output to reduce the output voltage ripple.
The small size of ceramic capacitors is an
excellent choice for PAM2805 applications. The
X5R and X7R types are preferred because they
maintain capacitance over wide voltage and
temperature ranges.
It's indispensable to use a Schottky diode rated
at 2A with the PAM2805. Using a Schottky diode
with a lower forward voltage drop is better to
improve the power LED efficiency, and its voltage
rating should be greater than the output voltage.
SS2 2 is reco m m en d ed Sch ot tky d iod e f o r
rectifier.
The LED current is set by the single external Rs
resistor connected to the FB pin as shown in the
typical application circuit on page 1. The typical
FB reference is internally regulated to 95mV. The
LED current is 95mV/R1. It's recommended to
use a 1% or better precision resistor for the
better LED current accuracy. The formula for Rs
selection is shown as follows:
Rs(Ohm)=95mV/I
(mA) at VIN=3V.
Typically, for 1W(330mA) and 3W(750mA) LED
light applications, the Rs are 0.288ohm and
0.127Ohm respectively.
T h e
PA M 2 8 0 5
h a s
t h r e e
m o d e s :
1 0 0 %
brightness, 25% brightness and blinking(typical
8.5Hz).
The mode change is triggered by power on/off
actions and cycles in the following sequence:
bright, dimming, blinking and back to bright
mode.
The PAM2805 will reset to the bright mode after
being powe r off for more than 5 seconds.
The PAM2805 has a build-in low voltage startup
circuit for the best battery life solution. It can
start up at 0.9V VIN typically when the preset
LED current is 200mA.
The soft-start function is made by clamping the
output voltage of error amplifier with another
voltage source which increases slowly from zero
t o n e a r V I N d u r i n g t h e s o f t - s t a r t p e r i o d .
Therefore, the duty cycle of the PWM will be
increased
from
zero
to
maximum
in
this
period. The charging time of the inductor will be
limited by the smaller duty so that the inrush
current
can
be
reduced
to
an acceptable
value.`
2
LED
Over Voltage Protection
The output voltage of PAM2805 is monitored by
Over Voltage Protection circuit. Once VOUT
goes over V
, typically 4.5V, the power NMOS
is
turned
off
and
SW
pin
stops switching.
Then, the VOUT is clamped to around V
.
OVP
OVP
Application Information
6
,
Power Analog Microelectronics Inc
www.poweranalog.com
11/2011 Rev1.0
PAM2805
3-Modes/3W WLED Driver with 1 or 2 Cell Battery



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com