Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2805 Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM2805
Description  3-Modes/3W WLED Driver with 1 or 2 Cell Battery
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2805 Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM2805 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2805 Datasheet HTML 9Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Electrical Characteristic
T =25
, L=2.2uH, C =10uF, C
=10uF,
unless
otherwise noted.
A
ΙΝ
OUT
℃
C
=1uF, V =3.4V,
BLK
F
Note1: V --- LED Forward Voltage
F
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Voltage Range
VIN
0.9
V F-0.2
(note 1)
V
Feedback Voltage
VFB
90
95
100
mV
Start-up Voltage
VSTART
VIN: 0V→3V
ILED=200mA
0.9
V
Hold Voltage
VHO LD
VIN: 3V→0V
I
LED:750m A→100m A
0.7
V
Oscillator Frequenc y
FO SC
0.85
1.0
1.15
MHz
Over Temperature Shutdown
OTS
150
℃
Over Temperature Hysteresis
OTH
30
℃
Maximum O utput Current
Range
IO(MAX)
VIN =2.4V
750
mA
Quiescent Current
IQ
ILED=0mA, VO=3.4V,
Device Switching at 1MHz
1
3
mA
Switch on Resis tance
RDSON
VO=3.4V
0.1
Ω
Current Limit
ILIM
VO=3.4V
2
A
Over Voltage Protection(VOUT)
VOVP
4.5
V
Blinking Frequency
FBLK
CBLK=1uF
7
8.5
10
Hz
,
Power Analog Microelectronics Inc
www.poweranalog.com
11/2011 Rev1.0
PAM2805
3-Modes/3W WLED Driver with 1 or 2 Cell Battery



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com