Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM2811
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM2811 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.poweranalog.com
,
Power Analog Microelectronics Inc
Pin Description
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
P2811A
P2811B
P2811C
P2811D
P2811E
Symbol
Function
12
-
-
-
NC
23
-
2
-
NC
34
-
-
-
NC
45
-
-
-
NC
5
4
3
4
AGND
Analog Ground
6
12
1
1
PGND
Power Ground
6
1
VIN
Supply Input
7
7
33
VIN
Supply Input
8
1
24
2
EN
Enable Pin. Active high, with an internal 150k Ω
pull-down resistor.
98
-
-
-
NC
10
13
8
8
5
LED4
LED4 Pin, Connect to the LED cathode, leave it to
connect GND or open if unused
11
14
7
7
6
LED3
LED3 Pin, Connect to the LED cathode, leave it to
connect GND or open if unused
12
15
6
6
7
LED2
LED2 Pin, Connect to the LED cathode, leave it to
connect GND or open if unused
13
16
5
5
8
LED1
LED1 Pin, Connect to the LED cathode, leave it to
connect GND or open if unused
14
9
-
-
-
NC
15
10
-
-
-
NC
16
11
-
-
-
NC
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com