Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811 Datasheet(PDF) 1 Page - Power Analog Micoelectronics

Part # PAM2811
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811 Datasheet(HTML) 1 Page - Power Analog Micoelectronics

  PAM2811 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Applications
Description
Packages.
n
n
n
n
n
n
n
Support up to 4 LEDs
LED sink current 20mA
Low Dropout Voltage
Low Quiescent Supply Current:270uA(typ)
No Noise and EMI
Shutdown Current Less than 1uA
Over Temperature Protection
16-Step Brightness Control
Small Package: QFN3x3-16L,MSOP-8L
SOT23-8L, DFN2X2-8L
Pb-free Package
Mobile phone
Digital camera
PDA Mp3
QFN3x3-16L,MSOP-
8L,
n
n
n
n
n
n
The PAM2811 provides 4 regulated current sinks,
capable of sinking up to 20mA current to
accommodate 4 white LEDs. It requires no charge
pump, has no noise and EMI, and significantly
improves the efficiency in Li battery range.
LED brightness can be controlled by Single-wire
dimming techniques. The constant current sink is
set by16-step.
The PAM2811 is available in
SOT23-8L and DFN2X2-8L
Typical Application
1
www.poweranalog.com
03/2010 Rev1.0
,
Power Analog Microelectronics Inc
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
PAM2811
EN
LED4
LED3
LED2
LED1
GND
1uF
VIN
Pulse Input
ss
12
n16
≤
PGND


Similar Part No. - PAM2811

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM2810 PAM-PAM2810 Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
PAM2810ENA PAM-PAM2810ENA Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
PAM2810ENG PAM-PAM2810ENG Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
PAM2810GNDA PAM-PAM2810GNDA Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
PAM2810GNDG PAM-PAM2810GNDG Datasheet
164Kb / 10P
4-Channel Programmable LED Current Sink
More results

Similar Description - PAM2811

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97672A INTERSIL-ISL97672A Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672B INTERSIL-ISL97672B Datasheet
504Kb / 18P
6-Channel LED Driver with Ultra Low Dimming Capability
June 13, 2012
ISL97672AIRZ-T INTERSIL-ISL97672AIRZ-T Datasheet
703Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
ISL97672AIRZ INTERSIL-ISL97672AIRZ Datasheet
684Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
ISL97672BIRZ INTERSIL-ISL97672BIRZ Datasheet
727Kb / 16P
6-Channel LED Driver with Ultra Low Dimming Capability
November 22, 2013
logo
Renesas Technology Corp
ISL97672B RENESAS-ISL97672B Datasheet
1,014Kb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
logo
SG Micro Corp
SGM3132 SGMICRO-SGM3132_16 Datasheet
3Mb / 11P
4-Channel 1-Wire Dimming LED Driver with Ultra-Low Dropout Current Source
logo
IXYS Corporation
LDS8846 IXYS-LDS8846 Datasheet
365Kb / 12P
4-Channel Ultra Low Dropout No Noise LED Driver
logo
Shanghai awinic technol...
AW9364 AWINIC-AW9364 Datasheet
821Kb / 14P
4-Channel 1-wire Dimming LED Driver with Ultra Low Dropout Current Source
logo
Renesas Technology Corp
ISL97672A RENESAS-ISL97672A Datasheet
1Mb / 17P
6-Channel LED Driver with Ultra Low Dimming Capability
Sep 14, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com