Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811 Datasheet(PDF) 7 Page - Power Analog Micoelectronics

Part # PAM2811
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811 Datasheet(HTML) 7 Page - Power Analog Micoelectronics

Back Button PAM2811 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 9Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 10Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 11Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
,
Power Analog Microelectronics Inc
www.poweranalog.com
Application Information
The PAM2811 is a 4-channel programmable
white-LED driver. It is capable of supplying 20mA
per channel with a total of 80mA output current
available. LED brightness control of PAM2811 can
be achieved with a Pulses signal.
The EN input is used to enable or disable the
PAM2811. Pulling the EN pin higher than 1.5V will
enable the device. For producing constant, non-
pulsating output current compare to conventional
pulse width modulation(PWM) dimming scheme.
The PAM2811 incorporates a 4-bit DAC for
brightness control to program the output current
at 16 continuous steps:20~1.25mA. Table1 shows
details for current setting.
Table 1 Current Setting
Page2 shows the detail operation of 16-steps
brightness control. When Single-wire pulse
counting dimming is used, the ready time is
recommended to be greater than 30us for
enabling the device, the pulse high time THI
recommended to be greater than 0.5us, and the
pulse low time T
is recommended to be greater
than0.5us and less than 500us. A constant current
is sourced as long as the EN signal remains high.
The shutdown feature reduces quiescent current
to less than 0.1uA.
The
PAM2811
equips
over
temperature
protection. When the junction temperature (T )
exceeds +150°C, the current source turns off
automatically. The device will turn on again after
the IC’s
Enable Input
Over Temperature Protection
LO
J
T
cools down under +120°C. Operating
at absolute m aximum temperature i s n ot
recommended.
J
LED connection
The PAM2811 supports up to 4 white LEDs. The
four LEDs are connected from VIN to LEDx
respectively. If the LED is not used, it should be
connected to GND or open.
Data
Current(mA)
Data
Current(mA)
16
20
8
10
15
18.75
7
8.75
14
17.5
6
7.5
13
16.25
5
6.25
12
15
4
5
11
13.75
3
3.75
10
12.5
2
2.5
9
11.25
1
1.25
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com