Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM2811 Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM2811
Description  4-Channel Single-Wire Dimming LED Drive with Ultra Low Dropout Current Sink
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM2811 Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM2811 Datasheet HTML 1Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 2Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 3Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 4Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 5Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 6Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 7Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 8Page - Power Analog Micoelectronics PAM2811 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Thermal Information
Parameter
Package
Symbol
Maximum
Unit
QFN 3x3-16L
35
MSOP-8L
180
SOT23-8
250
Thermal Resistance (Junction to Ambient)
DFN2X2-8L
θJA
80
°C/W
QFN 3x3-16L
14
MSOP-8L
75
SOT23-8
130
Thermal Resistance (Junction to Case)
DFN2X2-8L
θ
JC
20
°C/W
,
Power Analog Microelectronics Inc
www.poweranalog.com
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
Input Voltage Range............................-0.3V to 6V
PWM Pin voltage.................
Storage Temperature.....................-65
to 150
Soldering Temperature.......................
-0.3V to (V +0.3V)/6V
Maximum Junction Temperature..................150°C
°C
°C
300°C,5sec
IN
Recommended Operating Conditions
Input Voltage Range..........................
Ambient Temperature Range............-40
to 85
2.7V to 5.5V
Junction Temperature Range..........-40°C to 125°C
°C
°C
Electrical Characteristic
T =25
, V =3.6V, unless otherwise noted.
AIN
°C
PARAMETER
Symbol
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
2.7
5.5
V
Output Current
ILED
All LEDs 100% setting
18
20
22
mA
Current Matching
All LEDs 100% setting
-3
+3
%
LED Dropout Voltage
VDO
ILED=20mA
60
mV
Quiescent Current
IQ
ILED=0
270
μA
Shutdown Current
ISD
VEN=0V, VIN=5.5V
0.1
1
μA
Startup Time
TON
30
μs
EN Input Logic High
VHI
1.5
V
EN Input Logic Low
VLO
0.4
V
EN Low Time for Dimming
TLO
0.5
500
μs
EN High Time for Dimming
THI
0.5
μs
Shutdown Delay Time
TOFF
VEN=0V
1000
2000
μs
Thermal Shutdown Temperature
TP
150
Hysteresis Temperature
30
PAM2811
4-Channel Single-Wire Dimming LED Drive with
Ultra Low Dropout Current Sink
03/2010 Rev1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com