Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 2 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 2 Page - Power Analog Micoelectronics

  PAM3101_13 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Pin Configuration & Marking Information
Top View
SOT23-3
3
1
2
AAVYW
2
Top View
SOT89-3
1
2
3
P3101V
XXXYW
AA: Product Code of PAM3101
V: Voltage Code
X: Internal Code
Y: Year
W: Week
Top View
SOT23-5
1
2
3
5
4
AAVYW
1
2
3
5
4
P3101V
XXXYW
Top View
SOT89-5
Power Analog Microelectronics, Inc
www.poweranalog.com
Top View
SC70-3L
Top View
SC70-4L
Top View
SC70-5L
1
2
3
AAVYW
1
2
3
4
AAVYW
1
2
3
4
5
AAVYW
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5
GND
NC
VOUT
1
2
3
6
5
4
EN
NC
VIN
Top View
DFN1.6X1.6-6L
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com