Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 4 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 4 Page - Power Analog Micoelectronics

  PAM3101_13 Datasheet HTML 1Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied. Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability. All voltages are with
respect to ground.
Input Voltage...............................................6.0V
Lead Soldering Temperature (5sec)........... 300
°
Output Current.........................................300mA
Storage Temperature.................-65
°
to 150
°
Output Pin Voltage ............GND-0.3V to V +0.3V
IN
ESD Rating............................................Class B
C
C
C
Recommended Operating Conditions
Supply Voltage Range.......................2.5V to 5.5V
Junction Temperature.................-40
°
to 125
Operation Temperature..................-40 C to 85 C
C
C
°
°
°
Thermal Information
4
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5
Parameter
Symbol
Package
Maximum
Unit
SOT-23
130
SOT-89
100
SC70
160
DFN1.6x1.6
65
SOT-23
250
SOT-89
180
SC70
300
DFN1.6x1.6
175
SOT-23
400
SOT-89
550
SC70
300
DFN1.6x1.6
570
Internal Power
Dissipation
(@TA=25°C)
PD
mW
Thermal Resistance
(Junction to Case)
θJC
°C/W
Thermal Resistance
(Junction to Ambient)
θJA
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com