Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 2Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 3Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 4Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 5Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 6Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 7Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 8Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Typical Performance Characteristics
T =25°C, V =V , C =1μF, C =2.2μF, C
=10nF, unless otherwise noted.
A
EN
IN
IN
O
BYP
6
1. Output Voltage vs Input Voltage
1.55
1.6
1.65
1.7
1.75
1.8
1.85
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
V = 1.8V
O
V = 2.5V
O
2.2
2.25
2.3
2.35
2.4
2.45
2.5
2.55
2
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
V = 3.3V
O
V = 1.8V
O
V = 2.5V
O
V = 3.3V
O
3
3.05
3.1
3.15
3.2
3.25
3.3
3.35
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO=300mA
IO=150mA
IO=1mA
2. Output Voltage vs Output Current
1.7
1.72
1.74
1.76
1.78
1.8
1.82
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
VIN=3V
2.4
2.42
2.44
2.46
2.48
2.5
2.52
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
VIN=3V
3.2
3.22
3.24
3.26
3.28
3.3
3.32
0
50
100
150
200
250
300
Output Current (mA)
VIN=5V
VIN=4V
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com