Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM3101 Datasheet(PDF) 13 Page - Power Analog Micoelectronics

Part # PAM3101
Description  300mA High PSRR Low Dropout CMOS Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM3101 Datasheet(HTML) 13 Page - Power Analog Micoelectronics

Back Button PAM3101_13 Datasheet HTML 9Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 10Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 11Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 12Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 13Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 14Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 15Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 16Page - Power Analog Micoelectronics PAM3101_13 Datasheet HTML 17Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Thermal considerations
based on the standard JEDEC 51-3 for a single-
layer thermal test board, the maximum power
dissipation at T =25°C can be calculated by
Thermal protection limits power dissipation in the
A
PA M 3 1 0 1 . W h e n t h e j u n c t i o n t e m p e r a t u r e
following formula:
exceeds 150°C, the OTP (Over Temperature
Protection) starts the thermal shutdown and turns
P
= (125°C-25°C)/250=0.4W
SOT-23
D(MAX)
the pass transistor off. The pass transistor
P
= (125°C-25°C)/180=0.55W
SOT-89
D(MAX)
resumes operation after the junction temperature
drops below 120°C.
It is also useful to calculate the junction
temperature of the PAM3101 under a set of
F o r c o n t i n u o u s o p e r a t i o n , t h e j u n c t i o n
specific conditions. For example, suppose the
temperature should be maintained below 125°C.
input voltage V =3.3V, the output current
I N
The power dissipation is defined as:
I =300mA and the case temperature T =40°C
O
A
measured by a thermalcouple during operation,
P = (V -V
)*I +V *I
D
IN
OUT
O
IN
GND
the power dissipation for the Vo=2.8V version of
the PAM3101 can be calculated as:
The maximum power dissipation depends on the
thermal resistance of IC package, PCB layout,
P =(3.3V-2.8V)*300mA+3.3V*70μA≌150mW
D
the rate of surrounding airflow and temperature
difference between junction and ambient. The
And the junction temperature, T , can be
J
maximum power dissipation can be calculated by
calculated as follows:
the following formula:
T = T +P *θ
J
A
D
JA
P
= (T
-T )/θ
D(MAX)
J(MAX)
A
JA
T = 40°C+0.15W*250°C/W
J
=40°C+37.5°C
Where T
is the maximum allowable junction
J(MAX)
=77.5°C<T
= 125°C
J(MAX)
temperature 125°C, T is the ambient temperature
A
and θ
is the thermal resistance from the junction
JA
For this operating condition, T is lower than the
J
to the ambient.
a b s o l u t e
m a x i m u m
o p e r a t i n g
j u n c t i o n
temperature, 125°C, so it is safe to use the
For example, as θ
is 250°C/W for the SOT-23
JA
PAM3101 in this configuration.
package and 180°C/W for the SOT-89 package
13
Power Analog Microelectronics, Inc
www.poweranalog.com
PAM3101
300mA High PSRR Low Dropout CMOS Linear Regulator
11/2010 Rev 2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com