Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8007DHR Datasheet(PDF) 3 Page - Power Analog Micoelectronics

Part # PAM8007DHR
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007DHR Datasheet(HTML) 3 Page - Power Analog Micoelectronics

  PAM8007DHR Datasheet HTML 1Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Pin Descriptions
3
Absolute Maximum Ratings
These are stress ratings only and functional operation is not implied
Exposure to absolute
maximum ratings for prolonged time periods may affect device reliability
All voltages are with
respect to ground
.
.
.
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
Pin Number
Pin Nam e
Desc ription
1
- OUT_L
Left Channel Nega tive Ou tput
2
PGNDL
Left Channel Power GND
3
PGNDL
Left Channel Power GND
4
+OUT_L
Left Channel Posi tive Ou tput
5
PVDDL
Left Channel Power Sup ply
6
MUTE
Mute Contr ol Input(active low)
7
VDD
Anal og VDD
8
INL
Left Channel Inpu t
9
Ear InL
Left Earpho ne inp ut
10
VDC
Anal og reference for gain control sectio n
11
V OLUME
DC volume control to set the ga in of Class-D
12
EarOutL
Left Earpho ne output(Non -Inverting)
13
EarOutR
Right Earph one ou tput(Non-In verting)
14
VREF
Inter nal ana log reference, connect a b ypass capacitor fr om VREF to GND
15
LINE/EAR
Line / earph one S witch.sp eaker output(active low),Ea rphone outpu t(active high)
16
EarInR
Right Earph one in put
17
INR
Right Channel Inp ut
18
GND
Anal og GND
19
SHDN
Shutdown Control Input(active l ow)
20
PVDDR
Right Channel Power Sup ply
21
+OUT_R
Right Channel Positive O utput
22
PGNDR
Right Channel Power GND
23
PGNDR
Right Channel Power GND
24
-OUT_R
Right Channel Ne gative O utput
Supply Voltage ............................................6.0V
Storage Temperature.....................-65°C to 150
Soldering Temperature.......................
Input Voltage.............................-0.3V to V +0.3V
................150°C
°C
300°C,5sec
DD
Maximun Junction Temperature...
Recommended Operating Conditions
Supply Voltage Range.......................
Junction Temperature Rang...........-20
to 125
Ambient Operation Temperature
Range............................................-20
to 85
2.5V to 5.5V
°C
°C
°C
°C
Parameter
Symbol
Package
Maximum
Unit
Thermal Re sistance (Junction to Ambient)
θ
JA
SSOP-2 4
96
°C/W
Thermal Re sistance (Junction to Ambient)
θ
JA
SOP-24
79.2
°C/W
Thermal Re sistance (Junction to Ambient)
θJC
SSOP-2 4
32
°C/W
Thermal Re sistance (Junction to Ambient)
θJC
SOP-24
27
°C/W
Thermal Information
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com