Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8007DHR Datasheet(PDF) 5 Page - Power Analog Micoelectronics

Part # PAM8007DHR
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007DHR Datasheet(HTML) 5 Page - Power Analog Micoelectronics

  PAM8007DHR Datasheet HTML 1Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 9Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0.1
30
0.2
0.5
1
2
5
10
20
%
1m
4
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
0.1
30
0.2
0.5
1
2
5
10
20
%
1m
4
2m
5m
10m
20m
50m
100m
200m
500m
1
2
W
5
Typical Operating Characteristics(T =25°C)
A
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
3. THD+N vs Frequency
1. THD+N vs Output Power
2. THD+N vs Output Power
6. Crosstalk vs Frequency
Speaker
5. PSRR vs Frequency
4. THD+N vs Frequency
RL=4
Ω
VDD=5V
VDD=5V
RL=4
Ω
Po=0.3W/1W/2W
RL=8
Ω
VDD=5V
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
VDD=5V
RL=8
Ω
Po=0.3W/1W/1.3W
-70
+0
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
d
B
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
T TT TT TTT TTTT
T
T
TTTTTTTTT TTTT TT TT T
Po=0.3W
Po=1W
Po=2W
Po=0.3W
Po=1W
Po=1.3W
L to R
R to L
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com