Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8007DHR Datasheet(PDF) 6 Page - Power Analog Micoelectronics

Part # PAM8007DHR
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007DHR Datasheet(HTML) 6 Page - Power Analog Micoelectronics

Back Button PAM8007DHR Datasheet HTML 2Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 3Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 4Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 5Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 10Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Typical Operating Characteristics(T =25°C)
A
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
9. Power Dissipation vs Output Power
7. Frequency Response
8. Noise Floor
12. Efficiency vs Output Power
Speaker
11. Efficiency vs Output Power
10. Power Dissipation vs Output Power
+10
+30
+12
+14
+16
+18
+20
+22
+24
+26
+28
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
Cin=2.2uF
Cin=1uF
Cin=0.47uF
Cin=0.1uF
-120
-50
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
d
B
g
A
20
20k
50
100
200
500
1k
2k
5k
10k
Hz
0
50
100
150
200
250
300
350
400
450
0
500
1000
1500
2000
2500
3000
3500
Output Power(mW)
RL=4
Ω
0
20
40
60
80
100
120
140
160
180
0
500
1000
1500
2000
Output Power(mW)
RL=8
Ω
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
2500
3000
3500
O ut put Power (mW )
RL=4
Ω
VDD=5V
0
10
20
30
40
50
60
70
80
90
100
0
500
1000
1500
2000
Output Power(mW)
RL=8
Ω
VDD=5V
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com