Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM8007DHR Datasheet(PDF) 10 Page - Power Analog Micoelectronics

Part # PAM8007DHR
Description  Filterless 3W Class-D Stereo Audio Amplifier with DC Volume Control and Headphone Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAM [Power Analog Micoelectronics]
Direct Link  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

PAM8007DHR Datasheet(HTML) 10 Page - Power Analog Micoelectronics

Back Button PAM8007DHR Datasheet HTML 6Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 7Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 8Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 9Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 10Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 11Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 12Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 13Page - Power Analog Micoelectronics PAM8007DHR Datasheet HTML 14Page - Power Analog Micoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Typical Operating Characteristics (continued)
,
Power Analog Microelectronics Inc
PAM8007
Filterless 3W Class-D Stereo Audio Amplifier
with DC Volume Control and Headphone Output
www.poweranalog.com
Table 1. DC Volume Control
STEP
Gain(dB)
Class D
Gain(dB)
Earphone
STEP
Gain(dB)
Class D
Gain(dB)
Earphone
1
-80
-80
33
11.6
-9.2
2
-40
-60
34
12
-8.6
3
-34
-50
35
12.4
-8
4
-28
-40
36
12.8
-7.4
5
-22
-37.7
37
13.2
-6.8
6
-16
-35.4
38
13.6
-6.2
7
-10
-33.1
39
14
-5.7
8
-7.5
-30.8
40
14.4
-5.2
9
-5
-28.5
41
14.8
-4.7
10
-2.5
-27.5
42
15.2
-4.2
11
0
-26.4
43
15.6
-3.7
12
1.5
-25.3
44
16
-3.2
13
3
-24.2
45
16.4
-2.7
14
4
-23.1
46
16.8
-2.2
15
4.4
-22.2
47
17.2
-1.8
16
4.8
-21.4
48
17.6
-1.4
17
5.2
-20.6
49
18
-1
18
5.6
-19.8
50
18.4
-0.6
19
6
-19
51
18.8
-0.2
20
6.4
-18.2
52
19.2
0.2
21
6.8
-17.4
53
19.6
0.6
22
7.2
-16.6
54
20
0.9
23
7.6
-15.9
55
20.4
1.2
24
8
-15.2
56
20.8
1.5
25
8.4
-14.5
57
21.2
1.8
26
8.8
-13.8
58
21.6
2.1
27
9.2
-13.1
59
22
2.4
28
9.6
-12.4
60
22.4
2.7
29
10
-11.7
61
22.8
2.9
30
10.4
-11
62
23.2
3.1
31
10.8
-10.4
63
23.6
3.3
32
11.2
-9.8
64
24
3.5
01/2012 Rev1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com