Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 15 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TAS2521 Datasheet(HTML) 15 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TAS2521 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
0.01
0.10
1.00
10.00
100.00
0
0.5
1
1.5
2
2.5
Output Power (W)
Series1
Series2
Series4
Series5
C005
Gain = 6 dB
Gain = 12 dB
Gain = 18 dB
Gain = 24 dB
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
Output Power (W)
Series1
Series2
Series4
Series5
Series6
Series7
C006
SPKVDD = 2.7 V
SPKVDD = 3 V
SPKVDD = 3.3 V
SPKVDD = 3.6 V
SPKVDD = 4.2 V
SPKVDD = 5.5 V
0.01
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
Output Power (W)
Gain = 6 dB
Gain = 12 dB
Gain = 18 dB
Gain = 24 dB
C003
0.01
0.10
1.00
10.00
100.00
0
0.5
1
1.5
2
2.5
3
Output Power (W)
Series1
Series2
Series4
Series5
Series6
Series7
C004
SPKVDD=2.7V
SPKVDD=3V
SPKVDD=3.3V
SPKVDD=3.6V
SPKVDD=4.2V
SPKVDD=5.5V
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
4000
8000
12000
16000
20000
Frequency (Hz)
C001
±180
±160
±140
±120
±100
±80
±60
±40
±20
0
20
0
4000
8000
12000
16000
20000
Frequency (Hz)
C002
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
4
Typical Performance
4.1
Class D Speaker Driver Performance
Figure 4-1. DAC To Speaker Amplitude at 0 dBFS vs Frequency (4
Figure 4-2. AINL To Speaker FFT Amplitude at 0 dBFS vs
Ω Load)
Frequency (4
Ω Load)
Figure 4-3. Total Harmonic Distortion + Noise vs 4
Ω Speaker
Figure 4-4. Total Harmonic Distortion + Noise + NOISE vs 4
Ω
Power (SPKVDD = 5.5 V)
Speaker Power (Gain = 18 dB)
Figure 4-5. Total Harmonic Distortion + Noise + NOISE vs 8
Ω
Figure 4-6. Total Harmonic Distortion + Noise + NOISE vs 8
Ω
Speaker Power (SPKVDD = 5.5 V)
Speaker Power (Gain = 18 dB)
Copyright © 2013, Texas Instruments Incorporated
Typical Performance
15
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com