Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TAS2521 Datasheet(HTML) 8 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TAS2521 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
Electrical Characteristics (continued)
At 25°C, AVDD = 1.8V, IOVDD = 1.8 V, SPKVDD = 3.6 V, DVDD = 1.8 V, fS (audio) = 48 kHz, CODEC_CLKIN = 256 × fS,
PLL = Off
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG BYPASS TO CLASS-D SPEAKER AMPLIFIER
BTL measurement, DRIVER GAIN = 6 dB, LOAD
Device Setup
= 4
Ω (DIFFERENTIAL), 50 pF, input signal
frequency fi = 1 KHz
Voltage Gain
Input common-mode = 0.9 V
4
V/V
Gain Error
-1dBFS (446mVrms), 1-kHz input signal
±0.7
dB
Idle channel, IN1L and IN1R ac-shorted to ground,
ICN
Idle channel noise
32.6
μVms
Measured as idle-channel noise, A-weighted(1) (2)
THD+N
Total harmonic distortion + noise
-1 dBFS (446mVrms), 1-kHz input signal
-73.7
dB
LOW DROPOUT REGULATOR (AVDD)
SPKVDD = 2.7V, Page 1, Reg 2, D5-D4 = 00, IO =
AVDD Output Voltage 1.8V
1.79
V
50mA
SPKVDD = 3.6V, Page 1, Reg 2, D5-D4 = 00, IO =
1.79
V
50mA
SPKVDD = 5.5V, Page 1, Reg 2, D5-D4 = 00, IO =
1.79
V
50mA
Output Voltage Accuracy
SPVDD = 2.7V
±2
%
Load Regulation
SPVDD = 2.7V, 0A to 50mA
7
mV
Line Regulation
Input Supply Range 2.7V to 5.5V
0.6
mV
Decoupling Capacitor
1.0
uF
Bias Current
55
uA
Noise @0A Load
A-weighted, 20Hz to 20kHz bandwidth
166
uV
Noise @50mA Load
A-weighted, 20Hz to 20kHz bandwidth
174
uV
SHUTDOWN POWER CONSUMPTION
Power down POR, /RST held low, AVDD = 1.8V,
Device Setup
IOVDD = 1.8 V, SPKVDD = 4.2 V, DVDD = 1.8 V
I(AVDD)
1.32
µA
I(DVDD)
0.04
µA
I(IOVDD)
0.68
µA
I(SPKVDD)
2.24
µA
DIGITAL INPUT/OUTPUT
Logic family
CMOS
0.7 ×
IIH = 5 μA, IOVDD ≥ 1.6 V
IOVDD
VIH
V
IIH = 5 μA, IOVDD < 1.6 V
IOVDD
0.3 ×
IIL = 5 μA, IOVDD ≥ 1.6 V
–0.3
IOVDD
VIL
Logic level
V
IIL = 5 μA, IOVDD < 1.6 V
0
0.8 ×
VOH
IOH = 2 TTL loads
V
IOVDD
VOL
IOL = 2 TTL loads
0.25
V
Capacitive load
10
pF
(1)
Ratio of output level with 1-kHz full-scale sine-wave input, to the output level with the inputs short-circuited, measured A-weighted over a
20-Hz to 20-kHz bandwidth using an audio analyzer.
(2)
All performance measurements done with 20-kHz low-pass filter and, where noted, A-weighted filter. Failure to use such a filter may
result in higher THD+N and lower SNR and dynamic range readings than shown in the Electrical Characteristics. The low-pass filter
removes out-of-band noise, which, although not audible, may affect dynamic specification values.
8
ELECTRICAL SPECIFICATIONS
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com