Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TAS2521 Datasheet(HTML) 3 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

  TAS2521 Datasheet HTML 1Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 2Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 3Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 4Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
RST
AINR
SPI_SEL
AINL
AVSS
HPOUT
WCLK
BCLK
MCLK
MISO
DIN
GPIO/DOUT
23
21
24
22
20
19
17
16
14
18
15
13
5
3
6
1
4
2
11
10
9
8
12
7
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
2
PACKAGE AND SIGNAL DESCRIPTIONS
2.1
Package/Ordering Information
OPERATING
PACKAGE
TRANSPORT MEDIA,
PRODUCT
PACKAGE
TEMPERATURE
ORDERING NUMBER
DESIGNATOR
QUANTITY
RANGE
TAS2521IRGET
Tape and reel, 250
TAS2521
QFN-24
RGE
–40°C to 85°C
TAS2521IRGER
Tape and reel, 3000
2.2
Device Information
RGE PACKAGE
(TOP VIEW)
Table 2-1. RGE PIN FUNCTIONS
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SPI_SEL
1
I
Selects between SPI and I2C digital interface modes; (1 = SPI mode) (0 = I2C mode)
RST
2
I
Reset for logic, state machines, and digital filters; asserted LOW.
AINL
3
I
Analog single-ended line left input
AINR
4
I
Analog single-ended line right input
HPOUT
5
O
Headphone and Lineout Driver Output
AVSS
6
GND
Analog Ground, 0V
AVDD
7
PWR
Analog Core Supply Voltage, 1.5V - 1.95V, tied internally to the LDO output
LDO_SEL
8
I
Select Pin for LDO; ties to either SPKVDD or SPKVSS
SPKM
9
O
Class-D speaker driver inverting output
SPKVDD
10
PWR
Class-D speaker driver power supply
SPKVSS
11
PWR
Class-D speaker driver power supply ground supply
SPKP
12
O
Class-D speaker driver non-inverting output
DIN
13
I
Audio Serial Data Bus Input Data
WCLK
14
I/O
Audio Serial Data Bus Word Clock
BCLK
15
I/O
Audio Serial Data Bus Bit Clock
MCLK
16
I
Master CLK Input / Reference CLK for CLK Multiplier - PLL (On startup PLLCLK = CLKIN)
(1)
I = Input, O = Output, GND = Ground, PWR = Power, Z = High Impedance
Copyright © 2013, Texas Instruments Incorporated
PACKAGE AND SIGNAL DESCRIPTIONS
3
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com