Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

TAS2521 Datasheet(HTML) 26 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button TAS2521 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 26Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 27Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 28Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 29Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS TAS2521 Datasheet HTML 30Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
6
Register Map
6.1
Register Map Summary
Table 6-1. Summary of Register Map
Decimal
Hex
DESCRIPTION
PAGE NO.
REG. NO.
PAGE NO.
REG. NO.
0
0
0x00
0x00
Page Select Register
0
1
0x00
0x01
Software Reset Register
0
2 - 3
0x00
0x02 - 0x03
Reserved Registers
0
4
0x00
0x04
Clock Setting Register 1, Multiplexers
0
5
0x00
0x05
Clock Setting Register 2, PLL P and R Values
0
6
0x00
0x06
Clock Setting Register 3, PLL J Values
0
7
0x00
0x07
Clock Setting Register 4, PLL D Values (MSB)
0
8
0x00
0x08
Clock Setting Register 5, PLL D Values (LSB)
0
9 - 10
0x00
0x09 - 0x0A Reserved Registers
0
11
0x00
0x0B
Clock Setting Register 6, NDAC Values
0
12
0x00
0x0C
Clock Setting Register 7, MDAC Values
0
13
0x00
0x0D
DAC OSR Setting Register 1, MSB Value
0
14
0x00
0x0E
DAC OSR Setting Register 2, LSB Value
0
15
0x00
0x0F
miniDSP_D Instruction Control Register 1
0
16
0x00
0x10
miniDSP_D Instruction Control Register 2
0
17
0x00
0x11
miniDSP_D Interpolation Factor Setting Register
0
18 - 24
0x00
0x12 - 0x18
Reserved Registers
0
25
0x00
0x19
Clock Setting Register 10, Multiplexers
0
26
0x00
0x1A
Clock Setting Register 11, CLKOUT M divider value
0
27
0x00
0x1B
Audio Interface Setting Register 1
0
28
0x00
0x1C
Audio Interface Setting Register 2, Data offset setting
0
29
0x00
0x1D
Audio Interface Setting Register 3
0
30
0x00
0x1E
Clock Setting Register 12, BCLK N Divider
0
31
0x00
0x1F
Audio Interface Setting Register 4, Secondary Audio Interface
0
32
0x00
0x20
Audio Interface Setting Register 5
0
33
0x00
0x21
Audio Interface Setting Register 6
0
34
0x00
0x22
Reserved Register
0
35 - 36
0x00
0x23 - 0x24
Reserved Registers
0
37
0x00
0x25
DAC Flag Register 1
0
38
0x00
0x26
DAC Flag Register 2
0
39-41
0x00
0x27-0x29
Reserved Registers
0
42
0x00
0x2A
Sticky Flag Register 1
0
43
0x00
0x2B
Interrupt Flag Register 1
0
44
0x00
0x2C
Sticky Flag Register 2
0
45
0x00
0x2D
Reserved Register
0
46
0x00
0x2E
Interrupt Flag Register 2
0
47
0x00
0x2F
Reserved Register
0
48
0x00
0x30
INT1 Interrupt Control Register
0
49
0x00
0x31
INT2 Interrupt Control Register
0
50-51
0x00
0x32-0x33
Reserved Registers
0
52
0x00
0x34
GPIO/DOUT Control Register
0
53
0x00
0x35
DOUT Function Control Register
26
Register Map
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com