Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012YC Datasheet(PDF) 2 Page - Texas Instruments

Part # APT2012YC
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

APT2012YC Datasheet(HTML) 2 Page - Texas Instruments

  APT2012YC Datasheet HTML 1Page - Texas Instruments APT2012YC Datasheet HTML 2Page - Texas Instruments APT2012YC Datasheet HTML 3Page - Texas Instruments APT2012YC Datasheet HTML 4Page - Texas Instruments APT2012YC Datasheet HTML 5Page - Texas Instruments APT2012YC Datasheet HTML 6Page - Texas Instruments APT2012YC Datasheet HTML 7Page - Texas Instruments APT2012YC Datasheet HTML 8Page - Texas Instruments APT2012YC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Board Overview
www.ti.com
1
Board Overview
The Sensor Hub BoosterPack is an extension board for the TI MCU LaunchPad evaluation module eco-
system. It was designed specifically to extend the functionality of the Tiva TM4C1233 LaunchPad (EK-
TM4C123GXL). The Sensor Hub enables customers to create and model innovative prototype solutions
that leverage the processing and floating-point capabilities of the TM4C123GH6PM MCU coupled with
motion and environmental sensors. The Sensor Hub BoosterPack plugs in to the BoosterPack XL headers
located on the top of the LaunchPad. The BoosterPack also features a TI-standard extension module
(EM) connector to further extend customer applications through a variety of wireless extension modules.
This board and the available software also highlight the use of the new TivaWare® SensorLib sensor
driver library, an easy-to-use, extendable foundation of sensor communication software.
NOTE:
The Sensor Hub BoosterPack is fully compatible with both the Tiva™ C Series LaunchPad
(EK-TM4C123GXL) and the Stellaris® LM4F120 LaunchPad (EK-LM4F120XL).
1.1
Kit Features
The BOOSTXL-SENSHUB BoosterPack offers the following features:
•
TMP006 infrared object temperature sensor
•
9-axis InvenSense MPU9150 motion sensor:
–
3-axis acceleration
–
3-axis gyroscope
–
3-axis magnetometer
•
Bosch BMP180 pressure sensor
•
Intersil ISL29023 ambient and infrared light sensor
•
Sensirion SHT21 humidity sensor
•
Two user pushbuttons
•
One user LED
•
One power LED
•
EM connector for additional wireless expansion
1.2
Using the Sensor Hub BoosterPack
Follow these recommended steps to quickly configure your Sensor Hub for proper operation.
Step 1.
Review the BOOSTXL-SENSHUB BoosterPack Getting Started Guide (literature number
SPMU295, available for download at www.ti.com). This document guides you through
downloading, installing, and running the associated TivaWare examples that demonstrate the
Sensor Hub capabilities and functions.
Step 2.
Examine the additional examples that are provided with the downloaded software to
understand the capabilities and limitations of each on-board sensor.
Step 3.
Create your own application using the Tiva C Series LaunchPad and Sensor Hub
BoosterPack. Use the TivaWare for C Series Sensor Library to enable your innovative Tiva
TM4C MCU applications.
Step 4.
Customize and integrate the hardware to suit a specific end application. This user’s manual is
an important reference for understanding circuit operation and completing hardware
modifications.
2
BOOSTXL-SENSHUB Sensor Hub BoosterPack
SPMU290 – April 2013
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com