Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012YC Datasheet(PDF) 9 Page - Texas Instruments

Part # APT2012YC
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

APT2012YC Datasheet(HTML) 9 Page - Texas Instruments

Back Button APT2012YC Datasheet HTML 5Page - Texas Instruments APT2012YC Datasheet HTML 6Page - Texas Instruments APT2012YC Datasheet HTML 7Page - Texas Instruments APT2012YC Datasheet HTML 8Page - Texas Instruments APT2012YC Datasheet HTML 9Page - Texas Instruments APT2012YC Datasheet HTML 10Page - Texas Instruments APT2012YC Datasheet HTML 11Page - Texas Instruments APT2012YC Datasheet HTML 12Page - Texas Instruments APT2012YC Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2
2
Texas Instruments
1
2/20/2013
Sensor_Hub_Booster_Pack Rev A.sch
Aneesh Rai
A
Rev
Filename
Date
Engineer
D
C
Sheet
Drawn by
Number
B
C
2
1
4
3
B
A
1
2
3
4
of
D
Size
B
A
LaunchPad Headers
Push Buttons
RF Headers
Regulator
Power Indicator LED
General Purpose LED
General Purpose
Oscillator
R11
3.3k
R12
3.3k
1
2
3
4
5
6
7
8
9
10
J1
1
2
3
4
5
6
7
8
9
10
J2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RF_PART1
1
2
3
4
5
6
7
8
9
10
J3
1
2
3
4
5
6
7
8
9
10
J4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
RF_PART2
1
3
2
4
Y1
CRYSTAL_ECS-327KE
1
GND/HTSK
2
NC
3
IN
4
IN
5
EN
6
PG
7
FB/SEN
8
OUTPUT
9
OUTPUT
10
GND/HTSK
11
GND/HTSK
12
NC
13
NC
14
NC
15
NC
16
NC
17
GND
18
NC
19
NC
20
GND/HTSK
PWRPAD
U6
TPS75118
+
C14
1uF
+
C17
47uF
R6
5.1
R7
100
S1
C15
100nF
R9
10k
S2
C16
100nF
R10
10k
+
C10
1uF
C11
100nF
+
C12
1uF
C13
100nF
R5
0
R8
0
I2C_SCL
3.3V
U1RTS
32.768_CLK
U1TX
U1RX
RF_GPIO0
RF_GPIO1
SSI0FSS
SSI0CLK
SSI0TX
SSI0RX
1.8V
3.3V
RF_GPIO2
RF_RST
RF_SHUTDN
RF_GPIO3
U1CTS
32.768_CLK
3.3V
PG_1.8V
1.8V
PUSH_BUT_GPIO0
PUSH_BUT_GPIO1
RF_I2C_SDA
RF_I2C_SCL
3.3V
U1RX
U1TX
INT_LT
SSI0TX
INT_MOTION
INT_TEMP
I2C_SDA
I2C_SCL
SSI0RX
SSI0FSS
SSI0CLK
LED_GPIO
RF_GPIO1
RF_GPIO2
U1RTS
U1CTS
RF_SHUTDN
RF_RST
ANALOG_GND
ANALOG_PWR
RF_GPIO3
RF_GPIO0
PUSH_BUT_GPIO0
PUSH_BUT_GPIO1
RF_I2C_SCL
RF_I2C_SDA
I2C_SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com