Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012YC Datasheet(PDF) 3 Page - Texas Instruments

Part # APT2012YC
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

APT2012YC Datasheet(HTML) 3 Page - Texas Instruments

  APT2012YC Datasheet HTML 1Page - Texas Instruments APT2012YC Datasheet HTML 2Page - Texas Instruments APT2012YC Datasheet HTML 3Page - Texas Instruments APT2012YC Datasheet HTML 4Page - Texas Instruments APT2012YC Datasheet HTML 5Page - Texas Instruments APT2012YC Datasheet HTML 6Page - Texas Instruments APT2012YC Datasheet HTML 7Page - Texas Instruments APT2012YC Datasheet HTML 8Page - Texas Instruments APT2012YC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
BOOSTXL-SENSHUB
User
Buttons
TPS75118
3.3 V
RF Expansion
3.3 V
1.8 V
LED
BoosterPack XL
Connectors
BMP180
MPU9150
SHT21
ISL29023
TMP006
www.ti.com
Hardware Description
1.3
Specifications
Table 1 summarizes the specifications for the BOOSTXL-SENSHUB BoosterPack.
Table 1. Sensor Hub BoosterPack Specifications
Parameter
Value
Board supply voltage
2.7 V to 5.5 V nominally supplied
as 3.3 V from the BoosterPack
interface
Dimensions
2.0 x 1.5 x 0.625 (in)
5.08 x 3.81 x 1.587 (cm)
RoHS status
Compliant
2
Hardware Description
The Sensor Hub BoosterPack includes five motion and environmental sensors. It also enables RF
expansion and access to user LEDs and buttons. The hardware is designed to enable innovative
applications that fuse sensor information and Tiva C Series software processing through the functionality
of the Tiva C Series LaunchPad.
Figure 2 shows a block diagram of the Sensor Hub BoosterPack.
Figure 2. BOOSTXL-SENSHUB BoosterPack Block Diagram
3
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com