Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT2012YC Datasheet(PDF) 5 Page - Texas Instruments

Part # APT2012YC
Description  BOOSTXL-SENSHUB Sensor Hub BoosterPack
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

APT2012YC Datasheet(HTML) 5 Page - Texas Instruments

  APT2012YC Datasheet HTML 1Page - Texas Instruments APT2012YC Datasheet HTML 2Page - Texas Instruments APT2012YC Datasheet HTML 3Page - Texas Instruments APT2012YC Datasheet HTML 4Page - Texas Instruments APT2012YC Datasheet HTML 5Page - Texas Instruments APT2012YC Datasheet HTML 6Page - Texas Instruments APT2012YC Datasheet HTML 7Page - Texas Instruments APT2012YC Datasheet HTML 8Page - Texas Instruments APT2012YC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
www.ti.com
Software Development
2.1.8
TPS75118 Voltage Regulator
The TPS75118 regulates the 3.3-V supply from the LaunchPad down to 1.8 V for the input to the RF
expansion connector.
3
Software Development
This section provides general information on software development as well as instructions for Flash
memory programming. Note: This information presumes that the Sensor Hub BoosterPack is connected to
a Tiva TM4C1233 LaunchPad.
3.1
Software Description
The TivaWare software provided with the Tiva C Series LaunchPad includes functional drivers for all of
the peripheral devices supplied in the design. The TivaWare for C Series Peripheral Driver Library is used
to configure and operate the on-chip peripherals as part of TivaWare.
The TivaWare package includes a set of example applications that use the TivaWare Peripheral Driver
Library. These applications demonstrate the capabilities of the TM4C1233H6 microcontroller, as well as
provide a starting point for the user to develop the final application for use on the Tiva C Series
LaunchPad evaluation board and the BOOSTXL-SENSHUB BoosterPack.
3.2
Source Code
The complete source code, including the source code installation instructions, are available at
www.ti.com/tool/boostxl-senshub. The source code and binary files are installed in the TivaWare for C
Series Peripheral Driver Library tree.
3.3
Tool Options
The source code installation includes directories that contain projects and/or makefiles for the following
tool chains:
•
Keil™ ARM RealView® Microcontroller Development System
•
IAR Embedded Workbench for ARM
•
Sourcery CodeBench
•
Texas Instruments' Code Composer Studio™ IDE
Download evaluation versions of these tools from www.ti.com/tiva-c. As a result of code size restrictions,
the evaluation tools may not build all example programs. A full license is necessary to rebuild or debug all
examples.
Instructions on installing and using each of the evaluation tools can be found in the Quickstart guides (for
example, Quickstart-Keil, Quickstart-IAR), which are available for download from the Evaluation Kit section
of our website at www.ti.com/tiva-c.
For detailed information on using each tool, see the documentation included with the respective tool chain
installation or visit the website of the respective tool supplier.
3.4
Programming the Tiva TM4C LaunchPad Evaluation Board
The Tiva TM4C LaunchPad software package includes pre-built binaries for each of the example
applications. If you installed TivaWare for C Series to the default installation path of
C:\ti\TivaWare_C_Series_<version>, you can find these example applications in
C:\ti\TivaWare_C_Series_<version>/examples\boards\ek-tm4c123gxl. The onboard ICDI is used with the
LM Flash Programmer tool to program applications on the Tiva C Series LaunchPad.
Follow these steps to program example applications into the Tiva C Series LaunchPad evaluation board
using the ICDI:
1. Install the LM Flash Programmer on a PC running Microsoft® Windows® XP, Windows 7, or later
Windows OS.
2. Switch the POWER SELECT switch to the right to use Debug mode.
5
SPMU290 – April 2013
BOOSTXL-SENSHUB Sensor Hub BoosterPack
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com