Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2 Datasheet(PDF) 2 Page - NEC

Part # UD2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UD2 Datasheet(HTML) 2 Page - NEC

  UD2 Datasheet HTML 1Page - NEC UD2 Datasheet HTML 2Page - NEC UD2 Datasheet HTML 3Page - NEC UD2 Datasheet HTML 4Page - NEC UD2 Datasheet HTML 5Page - NEC UD2 Datasheet HTML 6Page - NEC UD2 Datasheet HTML 7Page - NEC UD2 Datasheet HTML 8Page - NEC UD2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
2
DIMENSIONS AND PAD LAYOUTS
Unit: mm (inch)
UC2 SERIES
UD2 SERIES
STANDARD
MINIMUM FOOTPRINT TYPE
10.6 (0.417)
6.5 (0.256)
5.08
(0.2)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
5.3
(0.209)
3.4
(0.134)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ± 0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
NJ type: Lead length 2.8mm
10.6 (0.417)
6.5 (0.256)
5.08
(0.2)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
5.3
(0.209)
3.4
(0.134)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ± 0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
NJ type: Lead length 2.8mm
10.6 (0.417)
5.45
max.
(0.215)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
6.5 (0.256)
5.08
(0.2)
8.4 (0.331)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ±0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
0.2
10.6 (0.417)
5.45
max.
(0.215)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
6.5 (0.256)
5.08
(0.2)
8.4 (0.331)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ±0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
0.2
10.6 (0.417)
6.0
max.
(0.236)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
6.5 (0.256)
5.08
(0.2)
6.8 (0.268)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ±0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
0.2
10.6 (0.417)
6.0
max.
(0.236)
3.2
(0.126)
2.2
(0.087)
2.2
(0.087)
[1.5]
[1.5]
6.5 (0.256)
5.08
(0.2)
6.8 (0.268)
Tolerance of lead pitch is ±0.15mm (0.006inch)
Other tolerances ±0.3mm (0.012inch)
Lead size 0.4x0.2 ±0.1
0.2
7.6
3.2
2.2
8-Φ0.85
5.08
(mm)
NOTE. General tolerance :±0.1
(Bottom view)
(1.5)
(1.5)
7.6
3.2
2.2
5.08
(mm)
NOTE. General tolerance :±0.1
(Bottom view)
(1.5)
(1.5)
7.6
3.2
2.2 2.2
0.8
6.
1.86
(mm)
NOTE. General tolerance :±0.1
(Top view)
(1.5)
(1.5)
7.6
3.2
2.2 2.2
0.8
5.
74
1.86
(mm)
NOTE. General tolerance :±0.1
(Top view)
(1.5)
(1.5)
7.6
3.2
2.2 2.2
0.8
.
2.66
(mm)
NOTE. General tolerance :±0.1
(Top view)
(1.5)
(1.5)
7.6
3.2
2.2 2.2
0.8
5.94
2.66
(mm)
NOTE. General tolerance :±0.1
(Top view)
(1.5)
(1.5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com