Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2 Datasheet(PDF) 5 Page - NEC

Part # UD2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UD2 Datasheet(HTML) 5 Page - NEC

  UD2 Datasheet HTML 1Page - NEC UD2 Datasheet HTML 2Page - NEC UD2 Datasheet HTML 3Page - NEC UD2 Datasheet HTML 4Page - NEC UD2 Datasheet HTML 5Page - NEC UD2 Datasheet HTML 6Page - NEC UD2 Datasheet HTML 7Page - NEC UD2 Datasheet HTML 8Page - NEC UD2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
5
COIL SPECIFICATIONS
Non-latch Type
at 20°C
Nominal
Coil Voltage
(VDC)
Coil
Resistance
(Ω)±10%
Must Operate
Voltage*
(VDC)
Must Release
Voltage*
(VDC)
Nominal
Operating Power
(mW)
3
64.3
2.25
0.3
140
4.5
145
3.38
0.45
140
5
178
3.75
0.5
140
9
579
6.75
0.9
140
12
1028
9.0
1.2
140
Single Coil Latch Type
at 20°C
Nominal
Coil Voltage
(VDC)
Coil
Resistance
(Ω)±10%
Set
Voltage*
(VDC)
Reset
Voltage*
(VDC)
Nominal
Operating Power
(mW)
3
90
2.25
2.25
100
4.5
202.5
3.38
3.38
100
5
250
3.75
3.75
100
9
810
6.75
6.75
100
12
1440
9.0
9.0
100
Non-latch Low Power Consumption Type
at 20°C
Nominal
Coil Voltage
(VDC)
Coil
Resistance
(Ω)±10%
Must Operate
Voltage*
(VDC)
Must Release
Voltage*
(VDC)
Nominal
Operating Power
(mW)
3
90
2.4
0.3
100
4.5
202.5
3.6
0.45
100
5
250
4.0
0.5
100
Note * Test by pulse voltage
SAFETY STANDARD AND RATING
TUV Certificate
(EN61810)
UL Recognized
(UL508)*
File No E73266
CSA Certificated
(CSA C22.2 No14)**
File No LR46266
No. 2050596
Creepage and clearance of
coil to contact is more than 2 mm.
(According to EN60950)
Basic insulation class
30 VDC, 1 A (Resistive)
110 VDC, 0.3 A (Resistive)
125 VAC, 0.5 A (Resistive)
* Spacing: UL840, **Spacing :CSA std950
RECOMMENDED RELAY DRIVE CONDITIONS
Drive under conditions. If it is impossible, please inquire to NEC TOKIN.
Non-latch type
Ambient temperature
- 40 to +85 °C
Non-latch type
(Low power consumption Type)
Voltage: within ±5% of nominal voltage
Ambient temperature
- 40 to +70 °C
Single coil latch type
Square pulse (rise and fall time is rapidly)
pulse height : within ±5% of nominal voltage
pulse width : more than 10 ms
Ambient temperature
- 40 to +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com