Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2 Datasheet(PDF) 11 Page - NEC

Part # UD2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UD2 Datasheet(HTML) 11 Page - NEC

Back Button UD2 Datasheet HTML 7Page - NEC UD2 Datasheet HTML 8Page - NEC UD2 Datasheet HTML 9Page - NEC UD2 Datasheet HTML 10Page - NEC UD2 Datasheet HTML 11Page - NEC UD2 Datasheet HTML 12Page - NEC UD2 Datasheet HTML 13Page - NEC UD2 Datasheet HTML 14Page - NEC UD2 Datasheet HTML 15Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
11
PACKING DIMENSIONS (Unit: mm)
TUBE PACKING (UC2/UD2)
50 pieces / Tube (anti-static)
TAPE PACKING (UD2)
APPEARANCE
1200 pieces / Reel
Reel diameter: 380mm
TAPE DIMENSIONS
A
B
UD2-xxNU-L
UD2-xxNE-L
Max.6.2
9.2
UD2-xxNUN-L
UD2-xxNEN-L
Max.6.6
7.5
RELAY DIRECTION AND TAPE CARRYING DIRECTION
Reel
Top cover tape
Emboss
Carrying tape
Reel
Top cover tape
Emboss
Carrying tape
Direction mark
Sprocket hole
Direction of unreeling
Direction mark
Sprocket hole
Direction of unreeling
24.0
4
Φ
1.5
Φ
2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
24.0
4
Φ
1.5
Φ
2.2
12
11.5
2.0
1.75
B
0.4
A
11.4
11.0
560
12.1
Rubber stopper (Yellow)
Direction of relay direction mark
Rubber stopper (Green)
11.0
560
12.1
Rubber stopper (Yellow)
Direction of relay direction mark
Rubber stopper (Green)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com