Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD2 Datasheet(PDF) 6 Page - NEC

Part # UD2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UD2 Datasheet(HTML) 6 Page - NEC

Back Button UD2 Datasheet HTML 2Page - NEC UD2 Datasheet HTML 3Page - NEC UD2 Datasheet HTML 4Page - NEC UD2 Datasheet HTML 5Page - NEC UD2 Datasheet HTML 6Page - NEC UD2 Datasheet HTML 7Page - NEC UD2 Datasheet HTML 8Page - NEC UD2 Datasheet HTML 9Page - NEC UD2 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
6
PART NUMBER SYSTEM
ORDERING PART NUMBERS
UC2 series
Option
Coil Type
Terminal
Packing
Nominal
Coil Voltage
(VDC)
Non-latch
Single Coil Latch
Non-latch
Low Power
Consumption
3
UC2-3NU
UC2-3SNU
UC2-3NE
4.5
UC2-4.5NU
UC2-4.5SNU
UC2-4.5NE
5
UC2-5NU
UC2-5SNU
UC2-5NE
9
UC2-9NU
UC2-9SNU
-
Standard
12
UC2-12NU
UC2-12SNU
-
3
UC2-3NJ
UC2-3SNJ
-
4.5
UC2-4.5NJ
UC2-4.5SNJ
-
5
UC2-5NJ
UC2-5SNJ
-
9
UC2-9NJ
UC2-9SNJ
-
Trimmed
lead
Tube
12
UC2-12NJ
UC2-12SNJ
-
U C 2 - 3 S N U
NU: Standard
NJ: Trimmed lead type
NE: Low power consumption type
Nil: Non-latch type
S: Single coil latch type
Nominal coil voltage
(A numerical value of coil voltage)
UC2 series
U D 2 – 3 S N U – L
Package
Nil: Tube
L: Embossed carrying tape
NU: Standard
NUN: Minimum footprint type
NE: Low power consumption type
NEN: Low power consumption, Minimum foot print type
Nil: Non-latch type
S: Single coil latch type
Nominal coil voltage
(A numerical value of coil voltage)
UD2 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com