Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 10 of 24
TA = 25°C, unless otherwise noted.
100
–40
–20
0
20
40
60
80
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
IB+
IB–
Figure 11. Input Bias Current (IB) vs. Temperature, VSY = 2.7 V
0
3.0
2.5
2.0
1.5
1.0
0.5
VCM (V)
ADA4500-2
VSY = 2.7V
100
–40
–20
0
20
40
60
80
Figure 12. Input Bias Current (IB) vs. Common-ModeVoltage (VCM), VSY = 2.7 V
10k
1k
100
10
1
0.1
0.001
100
10
1
0.1
0.01
LOAD CURRENT (mA)
ADA4500-2
VSY = 2.7V
SOURCING OUTPUT CURRENT
–40°C
+25°C
+125°C
Figure 13. Output Voltage (VOH) to Supply Rail vs. Load Current, VSY = 2.7 V
100
–40
–20
0
20
40
60
80
–50
–25
0
25
50
75
100
125
150
TEMPERATURE (°C)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
IB+
IB–
Figure 14. Input Bias Current (IB) vs. Temperature, VSY = 5.0 V
100
–40
–20
0
20
40
60
80
0
5
4
3
2
1
VCM (V)
ADA4500-2
VSY = 5.0V
Figure 15. Input Bias Current (IB) vs. Common-ModeVoltage (VCM), VSY = 5.0 V
10k
1k
100
10
1
0.1
0.001
100
10
1
0.1
0.01
LOAD CURRENT (mA)
ADA4500-2
VSY = 5.0V
SOURCING OUTPUT CURRENT
–40°C
+25°C
+125°C
Figure 16. Output Voltage (VOH) to Supply Rail vs. Load Current, VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com