Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 20 of 24
The ADA4500-2 solves the crossover distortion problem by using
an on-chip charge pump in its input structure to power the input
differential pair (see Figure 61). The charge pump creates a
supply voltage higher than the voltage of the supply, allowing
the input stage to handle a wide range of input signal voltages
without using a second differential pair. With this solution, the
input voltage can vary from one supply voltage to the other with
no distortion, thereby restoring the full common-mode dynamic
range of the op amp.
VCP
VDD
VSS
VDD
VSS
BIAS6
BIAS5
BIAS4
BIAS3
M1 M2
VIN+
VIN–
–AV
OUT
CHARGE
PUMP
Figure 61. ADA4500-2 Input Structure
Some charge pumps are designed to run in an open-loop
configuration. Disadvantages of this design include: a large ripple
voltage on the output, no output regulation, slow start-up, and a
large power-supply current ripple. The charge pump in this op
amp uses a feedback network that includes a controllable clock
driver and a differential amplifier. This topology results in a low
ripple voltage; a regulated output that is robust to line, load, and
process variations; a fast power-on startup; and lower ripple on
the power supply current.1 The charge pump ripple does not
show up on an oscilloscope; however, it can be seen at a high
frequency on a spectrum analyzer. The charge pump clock speed
adjusts between 3.5 MHz (when the supply voltage is 2.7 V) to
5 MHz (at VSY = 5 V). The noise and distortion are limited only by
the input signal and the thermal or flicker noise.
Figure 62 shows the elimination of the crossover distortion in
the ADA4500-2. This solution improves the CMRR performance
tremendously. For example, if the input varies from rail to rail
on a 5 V supply rail, using a part with a CMRR of 70 dB minimum,
an input-referred error of 1581 µV is introduced. The ADA4500-2,
with its high CMRR of 90 dB minimum (over its full operating
temperature) reduces distortion to a maximum error of 158 µV
with a 5 V supply. The ADA4500-2 eliminates crossover distortion
without unnecessary circuitry complexity and increased cost.
300
–300
–240
–180
–120
–60
0
60
120
180
240
0
5
4
3
2
1
VCM (V)
ADA4500-2
VSY = 5.0V
Figure 62. Charge Pump Design Eliminates Crossover Distortion
OVERLOAD RECOVERY
When the output is driven to one of the supply rails, the
ADA4500-2 is in an overload condition. The ADA4500-2 recovers
quickly from the overload condition. Typical op amp recovery
times can be in the tens of microseconds. The ADA4500-2 typically
recovers from an overload condition in 1 µs from the time the
overload condition is removed until the output is active again.
This is important in, for example, a feedback control system. The
fast overload recovery of the ADA4500-2 greatly reduces loop
delay and increases the response time of the control loop (see
Figure 41 to Figure 44).
1 Oto, D.H.; Dham, V.K.; Gudger, K.H.; Reitsma, M.J.; Gongwer, G.S.; Hu, Y.W.; Olund, J.F.; Jones, H.S.; Nieh, S.T.K.; "High-Voltage Regulation and Process
Considerations for High-Density 5 V-Only E2PROM's," IEEE Journal of Solid-State Circuits, Vol. SC-18, No.5, pp.532-538, October 1983.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com