Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 16 of 24
TA = 25°C, unless otherwise noted.
TIME (400ns/DIV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
–20mV
0
+20mV
Figure 45. Positive Settling Time to 0.1%, VSY = 2.7 V
TIME (400ns/DIV)
ADA4500-2
VSY = 2.7V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
–20mV
0
+20mV
Figure 46. Negative Settling Time to 0.1%, VSY = 2.7 V
TIME (400ns/DIV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
–40mV
0
+40mV
Figure 47. Positive Settling Time to 0.1%, VSY = 5.0 V
TIME (400ns/DIV)
ADA4500-2
VSY = 5.0V
VCM = VSY/2
RL = 10kΩ
CL = 10pF
DUT AV = –1
ERROR BAND
POST GAIN = 20
INPUT
OUTPUT
–40mV
0
+40mV
Figure 48. Negative Settling Time to 0.1%, VSY = 5.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com