Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4500-2ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4500-2ACPZ-R7
Description  10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4500-2ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4500-2ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADA4500-2ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADA4500-2
Data Sheet
Rev. A | Page 22 of 24
APPLICATIONS INFORMATION
RESISTANCE AND CAPACITANCE SENSOR CIRCUIT
The application shown in Figure 65 generates a square-wave
output in which the period is proportional to the value of RX
and CX by Equation 1. By fixing the CX and measuring the
period of the output signal, RX can be determined. Fixing RX
allows for the measurement of CX.
Period = 4.80 × RX × CX
(1)
U1A takes advantage of the high input impedance and large rail-
to-rail input dynamic range of the ADA4500-2 to measure a
wide range of resistances (RX).
U1B is used as a comparator; with the noninverting input
swinging between (1/12) × VPOS and (11/12) × VPOS, and the
output swinging from rail to rail. Because the accuracy of the
circuit depends on the propagation time through the amplifers,
the fast recovery of U1B from the output overload conditions
makes it ideal for this application.
VPOS
U1A
ADA4500-2
VPOS
U1B
ADA4500-2
OUTPUT
R1
10kΩ
VPOS
R3
100kΩ
R2
100kΩ
Rx
Cx
Figure 65. A Resistance/Capacitance Sensor
ADAPTIVE SINGLE-ENDED-TO-DIFFERENTIAL
SIGNAL CONVERTER
The Challenge
When designing a signal path in systems that have a single voltage
supply, the biggest challenge is how to represent the full range of
an input signal that may have positive, zero, and negative values.
By including zero in the output, the output signal must go
completely to ground, which single-supply amplifiers cannot do.
Converting the single-ended input signal to a differential signal
(through a single-ended-to-differential signal converter circuit)
allows zero to be represented as the positive and negative outputs
being equal, requiring neither amplifier to go to ground.
There are other benefits of the single-ended-to-differential signal
conversion, such as doubling the amplitude of the signal for
better signal-to-noise ratio, rejecting common-mode noise, and
driving the input of a high precision differential ADC.
In addition to converting to a differential signal, the circuit must set
the common-mode dc level of its output to a level that gives the ac
signal maximum swing at the load (like the input to an ADC).
Three key challenges are encountered often when designing a
single-ended-to-differential signal converter circuit with a
single supply:
•
When the supply is limited to a single voltage, the input
signal level to the circuit is generally limited to operate
from ground to the supply voltage (VSY). This limitation
on the input dynamic range can require attenuation and/or
level-shifting of the source signal before it even gets to the
single-ended-to-differential signal converter. This results in
reduced signal-to-noise ratio (SNR) and additional error.
•
The dc part of the input signal, on which the ac signal rides, is
generally not known during system operation. For example, if
multiple input signals from varying sources are multiplexed
into the single-ended-to-differential signal converter circuit,
each one could have a different dc level. Accommodating
multiple dc input levels means that the system design must
compromise the maximum allowed peak voltage of the ac
part of the input so that it does not clip against the rails.
•
The system processor does not know what the dc level is of the
original signal so it cannot make adjustments accordingly.
The Solution
These challenges are solved with the adaptive single-ended to
differential converter shown in Figure 66. This circuit operates
off a single supply from 2.7 V to 5.5 V, it automatically adjusts the
dc common mode of the output to a desired level, and it provides
the ability to measure the dc component of the input signal. This
circuit uses two voltage sources: a positive supply rail (VSY) and
a reference voltage (VREF). U1A buffers the input signal, while
U1B integrates that signal and feeds the integrated (dc) voltage
back to U1A to center the output signal on VREF. Resistors R10
and R11 are set to equal the impedance of the resistors R8 and R9
for a matched ac response and for balancing the effects of the
bias current.
The input frequency can range from 10 Hz to 1 MHz. Peak-to-peak
amplitude of the input signal can be as large as VSY − 100 mV.
The dc common mode (VCM) of the input signal can be as high
as +1.5 × VSY and −0.5 × VSY; therefore, a system with a +5 V supply
voltage can take a common mode from as high as +7.5 V and as
low as −2.5 V with a signal amplitude of 5 V p-p. The wide range of
VCM above and below ground, along with a signal amplitude as
large as the supply, eliminates the need to reduce the amplitude
of the input signal and sacrifice SNR. When measuring both the
ac and the dc parts of the signal, a capacitor cannot be in the signal
path. Figure 66 shows examples of the voltage ranges of the single-
ended-to-differential signal converter circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com