Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS101 Datasheet(PDF) 7 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 7 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 3Page - Microchip Technology HCS101 Datasheet HTML 4Page - Microchip Technology HCS101 Datasheet HTML 5Page - Microchip Technology HCS101 Datasheet HTML 6Page - Microchip Technology HCS101 Datasheet HTML 7Page - Microchip Technology HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 1999-2013 Microchip Technology Inc.
Preliminary
DS41115D-page 7
HCS101
6.0
PROGRAMMING THE HCS101
When using the HCS101 in a system, the user will have
to program some parameters into the device, including
the serial number and the counter, before it can be
used. The programming cycle allows the user to input
a 192-bit serial data stream which is then stored inter-
nally in EEPROM. Programming will be initiated by
forcing the DATA line high after the S2 line has been
held high for the appropriate length of time. Refer to
Table 6-1 and Figure 6-1.
After the Program mode is entered, a delay must be
provided to the device for the automatic bulk write cycle
to complete. This will write all locations in the EEPROM
to all zeros. The device can then be programmed by
clocking in 16 bits at a time, using S2 as the clock line
and DATA as the data in line. After each 16-bit word is
loaded, a programming delay is required for the internal
program cycle to complete. This delay can take up to
Twc.
The HCS101 will signal that the write is complete by
sending out a train of ACK pulses, TACKH high, TACKL
low on DATA. The ACK pulses will continue until S2 is
dropped. These times can be used to calculate the
oscillator calibration value. The first pulse’s width
should NOT be used for calibration.
At the end of the programming cycle, the device can be
verified as shown in Figure 6-2 by reading back the
EEPROM. Reading is done by clocking the S2 line and
reading the data bits on the DATA pin. A verify opera-
tion can only be done once, immediately following
the program cycle.
FIGURE 6-1:
PROGRAMMING WAVEFORMS
FIGURE 6-2:
VERIFY WAVEFORMS
Note:
To ensure that the device does not acci-
dentally enter Programming mode, DATA
should never be pulled high by the circuit
connected to it. Special care should be
taken when driving PNP RF transistors.
DATA
Enter Program
Mode
(Data)
(Clock)
Note: S0 and S1 button inputs to be held to ground during the entire programming sequence.
Bit 0
Bit 1
Bit 2
Bit 3
Bit 14 Bit 15
Bit 16 Bit 17
TPH1
TPBW
TPS
Repeat 12 times for each word
TPH2
TCLKH
TCLKL
TWC
TDS
S2
Data for Word 1
TDH
TCLKL
Initiate Data Polling Here
Write Cycle
Complete Here
Calibration Pulses
DATA
(Clock)
(Data)
Note: If a Verify operation is to be done, then it must immediately follow the Program cycle.
End of
Programming Cycle
Begin Verify Cycle Here
Bit 1 Bit 2 Bit 3
Bit 15
Bit 14
Bit 16 Bit 17
Bit190 Bit191
TWC
Data in Word 0
TDV
S2
Bit 0
Bit191
Bit190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com