Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS101 Datasheet(PDF) 17 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 17 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 12Page - Microchip Technology HCS101 Datasheet HTML 13Page - Microchip Technology HCS101 Datasheet HTML 14Page - Microchip Technology HCS101 Datasheet HTML 15Page - Microchip Technology HCS101 Datasheet HTML 16Page - Microchip Technology HCS101 Datasheet HTML 17Page - Microchip Technology HCS101 Datasheet HTML 18Page - Microchip Technology HCS101 Datasheet HTML 19Page - Microchip Technology HCS101 Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
 1999-2013 Microchip Technology Inc.
Preliminary
DS41115D-page 17
HCS101
HCS101 PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
REVISION HISTORY
Revision D (January 2013)
Added a note to each package outline drawing.
Package:
P = Plastic DIP (300 mil Body), 8-lead)
SN = Plastic SOIC (150 mil Body), 8-lead
Temperature
Blank = 0°C to +70°C
Range:
I=–40°C to +85°C
Device:
HCS101
= Code Hopping Encoder
HCS101T
= Code Hopping Encoder (Tape and Reel)
HCS101 -
/P
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Worldwide Site. (www.microchip.com)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com