Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS101 Datasheet(PDF) 11 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 11 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 7Page - Microchip Technology HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology HCS101 Datasheet HTML 12Page - Microchip Technology HCS101 Datasheet HTML 13Page - Microchip Technology HCS101 Datasheet HTML 14Page - Microchip Technology HCS101 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 1999-2013 Microchip Technology Inc.
Preliminary
DS41115D-page 11
HCS101
TABLE 7-3:
CODE WORD TRANSMISSION TIMING REQUIREMENTS
VDD = +3.5 to 13.3V
Commercial (C):TAMB = 0
C to +70C
Industrial (I):TAMB = -40
C to +85C
Code Words Transmitted
All
1 out of 2
Symbol
Characteristic
Number of TE
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
360
400
440
180
200
220
µs
TBP
PWM bit pulse width
3
—
3
—
—
3
—
ms
TP
Preamble duration
24
8.64
9.6
10.56
4.32
4.8
5.28
ms
TH
Header duration
10
3.6
4.0
4.4
1.8
2.0
2.2
ms
THOP
Hopping code duration
96
34.56
38.4
42.24
17.28
19.2
21.12
ms
TFIX
Fixed code duration
102
36.72
40.8
44.88
18.36
20.4
22.44
ms
TG
Guard Time
39
14.04
15.6
17.16
7.02
7.8
8.58
ms
Total Transmit Time
271
97.56
108.4
119.24
48.78
54.2
59.62
ms
PWM data rate
925
833
757
1851
1667
1515
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com