Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS101 Datasheet(PDF) 9 Page - Microchip Technology

Part # HCS101
Description  Fixed Code Encoder
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS101 Datasheet(HTML) 9 Page - Microchip Technology

Back Button HCS101 Datasheet HTML 5Page - Microchip Technology HCS101 Datasheet HTML 6Page - Microchip Technology HCS101 Datasheet HTML 7Page - Microchip Technology HCS101 Datasheet HTML 8Page - Microchip Technology HCS101 Datasheet HTML 9Page - Microchip Technology HCS101 Datasheet HTML 10Page - Microchip Technology HCS101 Datasheet HTML 11Page - Microchip Technology HCS101 Datasheet HTML 12Page - Microchip Technology HCS101 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 1999-2013 Microchip Technology Inc.
Preliminary
DS41115D-page 9
HCS101
7.0
ELECTRICAL CHARACTERISTICS FOR HCS101
Absolute Maximum Ratings
VDD Supply voltage .....................................................................................................................................-0.3 to 13.5 V
VIN Input voltage ................................................................................................................................ -0.3 to VDD + 0.3 V
VOUT Output voltage .......................................................................................................................... -0.3 to VDD + 0.3 V
IOUT Max output current ......................................................................................................................................... 50 mA
TSTG Storage temperature (Note) .............................................................................................................. -55 to +125°C
TLSOL Lead soldering temp (Note)......................................................................................................................... 300°C
VESD ESD rating .................................................................................................................................................... 2000 V
TABLE 7-1:
DC CHARACTERISTICS
NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other condi-
tions above those indicated in the operation listings of this specification is not implied. Exposure to
maximum rating conditions for extended periods may affect device reliability.
Commercial (C):TAMB = 0
C to +70C Industrial (I):TAMB = -40C to +85C
3.5V < VDD < 5.0V
5.0V < VDD < 13.3V
Parameter
Sym.
Min.
Typ1
Max.
Min.
Typ1
Max.
Unit
Conditions
Operating Current
(avg)(2)
ICC
—0.5
—2
mA
mA
Standby Current
ICCS
0.1
1.0
0.1
1.0
µA
Auto-shutoff
Current(3,4)
ICCS
40
75
160
300
µA
High Level Input
Voltage
VIH
0.55VDD
VDD+0.3
2.75
VDD+0.3
V
Low Level Input
Voltage
VIL
-0.3
0.15VDD
-0.3
0.75
V
High Level Output
Voltage
VOH
0.6VDD
3.3
V
V
IOH = -1.0 mA VDD = 3.5V
IOH = -2.0 mA VDD = 10V
Low Level Output
Voltage
VOL
0.08VDD
0.4
V
V
IOL = 1.0 mA VDD = 3.5V
IOL = 2.0 mA VDD = 10V
Pull-down Resistance;
S0-S2
RSO-2
40
60
80
40
60
80
k
VDD = 4.0V
Pull-down Resistance;
DATA
RDATA
80
120
160
80
120
160
k
VDD = 4.0V
Note 1: Typical values are at 25
C.
2: No load.
3: Auto-shutoff current specification does not include the current through the input pulldown resistors.
4: Auto-shutoff current is periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com