Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1252 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1252 Datasheet HTML 1Page - Microchip Technology MCP1252 Datasheet HTML 2Page - Microchip Technology MCP1252 Datasheet HTML 3Page - Microchip Technology MCP1252 Datasheet HTML 4Page - Microchip Technology MCP1252 Datasheet HTML 5Page - Microchip Technology MCP1252 Datasheet HTML 6Page - Microchip Technology MCP1252 Datasheet HTML 7Page - Microchip Technology MCP1252 Datasheet HTML 8Page - Microchip Technology MCP1252 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 5
MCP1252/3
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 3.6V, TA = 25°C, CIN = COUT = 10 µF, CFLY = 1 µF, all capacitors X7R ceramic.
FIGURE 2-1:
Output Voltage vs. Supply
Voltage (MCP1252-33X50).
.
FIGURE 2-2:
Output Voltage vs. Supply
Voltage (MCP1252-33X50).
FIGURE 2-3:
Output Voltage vs. Supply
Voltage (MCP1252-ADJ).
FIGURE 2-4:
Percent Efficiency vs.
Supply Voltage (MCP1252-33X50).
FIGURE 2-5:
Power Efficiency vs. Supply
Voltage (MCP1252-33X50).
FIGURE 2-6:
Power Efficiency vs. Supply
Voltage (MCP1252-ADJ).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
4.99
5.00
5.01
5.02
5.03
5.04
5.05
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = GND
V
OUT = 5.0V
3.31
3.32
3.33
3.34
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = VIN
VOUT = 3.3V
2.99
3.00
3.01
3.02
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-ADJ
VOUT = 3.0V
0
10
20
30
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = GND
VOUT = 5.0V
0
10
20
30
40
50
60
70
80
90
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = VIN
VOUT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-ADJ
VOUT = 3.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com